전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD39-CADR21 데이터시트(PDF) 1 Page - P-tec Corporation

부품명 PD39-CADR21
상세설명  Dual Digit 7 Segment 0.8??Display
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  P-TEC [P-tec Corporation]
홈페이지  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PD39-CADR21 데이터시트(HTML) 1 Page - P-tec Corporation

  PD39-CADR21 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PD39 Dual Digit 7 Segment 0.8” Display
Features
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
Typ
Max
Min
Typ
PD39-CADR21
PD39-CCDR21
Deep Red
AlGaAs
643
660
1.8
2.2
7.0
13.0
nm
*Dual Digit .8” (20.32mm) Super Bright Red
Display
*Direct Drive with 18 Pins
*Gray Face, White Segments
*Low Current Requirements
*High Light Output
*IC Compatible
*High Reliability
*RoHS Compliant
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100 µA)…………..………….………….….………………………. 4.0V
Max Forward Current…………..…………………………………………..….….… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)………………………..…… 100mA
Operating Temperature Range………………………………….……..….. -25°C to +85°C
Storage Temperature Range………………………....…….…………..… -40°C to +100°C
Soldering Temperature (1.6mm below body)……………………………....…...…. 260° for 5 seconds
Power Dissipation………………………………………………………………...… 66mW
All Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe ± 5° max.
Function of Pin #
Common Anode
Pin
#
Common Cathode
Pin
#
1 Dig 1 Cathode E
2 Dig 1 Cathode D
3 Dig 1 Cathode C
4 Dig 1 Cathode DP
5 Dig 2 Cathode E
6 Dig 2 Cathode D
7 Dig 2 Cathode G
8 Dig 2 Cathode C
9 Dig 2 Cathode DP
10 Dig 2 Cathode B
11 Dig 2 Cathode A
12 Dig 2 Cathode F
13 Dig 2 Com Anode
14 Dig 1 Com Anode
15 Dig 1 Cathode B
16 Dig 1 Cathode A
17 Dig 1 Cathode G
18 Dig 1 Cathode F
1 Dig 1 Anode E
2 Dig 1 Anode D
3 Dig 1 Anode C
4 Dig 1 An DP
5 Dig 2 Anode E
6 Dig 2 Anode D
7 Dig 2 Anode G
8 Dig 2 Anode C
9 Dig 2 Anode DP
10 Dig 2 Anode B
11 Dig 2 Anode A
12 Dig 2 Anode F
13 Dig 2 Com Cathode
14 Dig 1 Com Cathode
15 Dig 1 Anode B
16 Dig 1 Anode A
17 Dig 1 Anode G
18 Dig 1 Anode F
1+
+9
18+
+10
A
B
C
D
E
F
G
Digit 1
Digit 2
20.32
17.78
1.7
12.4
8.0°
25.9
10.0
21.6
0.5
35.8
3.5Min.
2.54x8=20.32
Ø2.20
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
3-06-07 Rev 0 RS


유사한 부품 번호 - PD39-CADR21

제조업체부품명데이터시트상세설명
logo
P-tec Corporation
PD39-CADG13 P-TEC-PD39-CADG13 Datasheet
25Kb / 1P
Dual Digit 7 Segment 0.8??Display
PD39-CADO12 P-TEC-PD39-CADO12 Datasheet
25Kb / 1P
Dual Digit 7 Segment 0.8??Display
PD39-CADY01 P-TEC-PD39-CADY01 Datasheet
24Kb / 1P
Dual Digit 7 Segment 0.8??Display
More results

유사한 설명 - PD39-CADR21

제조업체부품명데이터시트상세설명
logo
P-tec Corporation
PD21-CADG13 P-TEC-PD21-CADG13 Datasheet
23Kb / 1P
Single Digit 7 Segment 0.8??LED Display
PD21-CADO12 P-TEC-PD21-CADO12 Datasheet
23Kb / 1P
Single Digit 7 Segment 0.8??LED Display
PD21-CADR21 P-TEC-PD21-CADR21 Datasheet
23Kb / 1P
Single Digit 7 Segment 0.8??LED Display
PD21-CADR24 P-TEC-PD21-CADR24 Datasheet
23Kb / 1P
Single Digit 7 Segment 0.8??LED Display
PD39-CADG13 P-TEC-PD39-CADG13 Datasheet
25Kb / 1P
Dual Digit 7 Segment 0.8??Display
PD39-CADO12 P-TEC-PD39-CADO12 Datasheet
25Kb / 1P
Dual Digit 7 Segment 0.8??Display
PD39-CADY01 P-TEC-PD39-CADY01 Datasheet
24Kb / 1P
Dual Digit 7 Segment 0.8??Display
PD21-CADY01 P-TEC-PD21-CADY01 Datasheet
24Kb / 1P
PD21 Single Digit 7 Segment 0.8??LED Display
logo
LUMEX INC.
LDD-SMHTC3904RI-SI LUMEX-LDD-SMHTC3904RI-SI Datasheet
103Kb / 2P
7 Segment Dual Digit Display
LDD-SMHTM5602RISUG LUMEX-LDD-SMHTM5602RISUG Datasheet
177Kb / 2P
7 Segment Dual Digit Display
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com