| 전자부품 데이터시트 검색엔진 |
|
TSB14C01AIPM 데이터시트(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB14C01AIPM 데이터시트(HTML) 17 Page - Texas Instruments |
|
17 / 31 page ![]() TSB14C01A, TSB14C01AI, TSB14C01AM 5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 transmit timing 11 00 ZZ ZZ ZZ ZZ Phy CTL0, CTL1 ZZ ZZ 00 ZZ ZZ 00 00 00 ZZ ZZ ZZ ZZ Phy D0, D1 ZZ ZZ 00 ZZ ZZ 00 ZZ ZZ 01 10 10 10 Link CTL0, CTL1 00 00 ZZ 01 10 ZZ ZZ ZZ 00 D0 D1 D2 Link D0, D1 00 00 ZZ 00 Dn ZZ Single Packet ZZ ZZ 00 11 00 ZZ Phy CTL0, CTL1 ZZ ZZ ZZ 00 ZZ Continued Packet ZZ ZZ ZZ 00 00 00 ZZ Phy D0, D1 ZZ ZZ ZZ 00 ZZ ZZ 01 00 ZZ ZZ ZZ 01 Link CTL0, CTL1 01 10 10 ZZ 10 10 00 00 ZZ ZZ ZZ 00 Link D0, D1 00 D0 D1 ZZ Dn Dn-1 NOTE A: ZZ = High Impedance State D0 = > Dn = Packet data Figure 6. Transmit Timing receive When data is received by the phy from the serial bus, it transfers the data to the link for further processing. The phy asserts receive (see Table 4) on the CTL lines and asserts each D terminal high. The phy indicates the start of the packet by placing the speed code on the data bus. The phy then proceeds with the transmittal of the packet to the link on the D lines while still keeping the receive status on the CTL terminals. Once the packet has been completely transferred, the phy asserts idle on the CTL terminals, which completes the receive operation (see Figure 7). NOTE The speed code is a phy-link protocol and is not included in the CRC. 10 10 10 10 Phy CTL0, CTL1 10 00 00 10 00 11 SPD D0 D1 Phy D0, D1 Dn 00 00 11 00 NOTE A: SPD = Speed Code (For the backplane, this speed is fixed at D0, D1 = 00). D0 to Dn = Packet data Figure 7. Receive Timing |