| 전자부품 데이터시트 검색엔진 |
|
WS12-375-R1K-L10- 데이터시트(PDF) 3 Page - ASM GmbH |
|
|
|||||||||||||||||||||||||||||
WS12-375-R1K-L10- 데이터시트(HTML) 3 Page - ASM GmbH |
|
3 / 10 page ![]() 36 CAT-WS-E-05 ASM www.asm-sensor.com Sensor for hostile environments · Protection class IP67 · Measurement ranges: 0 ... 1250 mm to 0 ... 3000 mm · Incremental encoder output Order Code WS12 Model Name Measurement Range (in mm) 1250 (all smaller ranges included) / 1500 / 2000 / 2500 / 3000 Pulses per mm 10 = 10 Pulses per mm (1250, 1500 mm) 5 = 5 Pulses per mm (2000, 2500, 3000 mm) Other numbers of pulses on request Output (see page 60) IE24LI = Incremental output TTL compatible inverted (up to 1250 mm range only) IE24HI = Incremental output HTL compatible inverted (up to 1250 mm range only) PP530 = Incremental output TTL and HTL compatible Cable fixing M4 = M4 cable fixing SB0 = cable clip Connection M12 = 8 pin socket M12 D8 = 8 pin socket DIN 45326 Order Example: WS12 - 1500 - 10 - PP530 - M4 - M12 Model WS12 with incremental encoder output WS12 Specifications Outputs Incremental encoder output for reliable data transmission. The output is compatible with TTL and HTL. Resolution 5 or 10 pulses per mm (1/40 mm with external edge counting mode) Material Aluminium and stainless steel. Cable: stainless steel Sensing device Incremental encoder Connector Male socket 8 pin (M12 or DIN 45326) Linearity ±0.05 % full scale Protection Class IP67 (only when the electrical plug is correctly assembled and connected) Weight Up to 1500 mm: 1 kg approx. 2000 mm and greater: 1.5 kg approx. Environmental EMC Refer to output specification Temperature Refer to output specification Incremental Order Code Mating Connector (see accessories p. 82) D8: M12: CONN-M12-8F-G CONN-DIN-8F-W |