전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576C 데이터시트(PDF) 49 Page - NXP Semiconductors

부품명 PCF8576C
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576C 데이터시트(HTML) 49 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 45Page - NXP Semiconductors PCF8576C Datasheet HTML 46Page - NXP Semiconductors PCF8576C Datasheet HTML 47Page - NXP Semiconductors PCF8576C Datasheet HTML 48Page - NXP Semiconductors PCF8576C Datasheet HTML 49Page - NXP Semiconductors PCF8576C Datasheet HTML 50Page - NXP Semiconductors PCF8576C Datasheet HTML 51Page - NXP Semiconductors PCF8576C Datasheet HTML 52Page - NXP Semiconductors PCF8576C Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
49 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
17.2 Film frame carrier information
Fig 40. Layout of wafer on film frame carrier of PCF8576CU/10
X
S aw lane
detail X
Straight edge
of the wafer
Marking code
200 m
100 m
013aaa112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com