| 전자부품 데이터시트 검색엔진 |
|
PCF8534AU/DA/1 데이터시트(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AU/DA/1 데이터시트(HTML) 25 Page - NXP Semiconductors |
|
25 / 47 page ![]() PCF8534A_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 6 August 2009 25 of 47 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates Fig 18. I2C-bus protocol EXAMPLES a) transmit two bytes of RAM data mgl752 S A 0 S 0 1110 0 0 control byte slave address RAM/command byte RAM DATA M S B L S B A A P R/W = 0 S A 0 S 0 1110 0 0 1 0 A A A P RAM DATA A b) transmit two command bytes COMMAND S A 0 S 0 1110 0 1 0 0 A A A P COMMAND A A c) transmit one command byte and two RAM date bytes COMMAND S A 0 S 0 1110 0 1 0 00 01 0 A A A P RAM DATA A RAM DATA A A C O R S |