| 전자부품 데이터시트 검색엔진 |
|
XCM519AD02DR 데이터시트(PDF) 13 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XCM519AD02DR 데이터시트(HTML) 13 Page - Torex Semiconductor |
|
13 / 49 page ![]() 13/49 XCM519 Series E-2 DROPOUT VOLTAGE 2 (mV) Vdif2 VBIAS =3.0(V) VBIAS =3.3(V) VBIAS =3.6(V) VBIAS =4.2(V) VBIAS =5.0(V) NOMINAL OUTPUT VOLTAGE (V) Vdif (mV) Vdif (mV) Vdif (mV) Vdif (mV) Vdif (mV) VROUT(T) Vgs (*1) (V) TYP MAX Vgs (V) TYP MAX Vgs (V) TYP MAX Vgs (V) TYP MAX Vgs (V) TYP MAX 0.70 2.30 81 300 2.60 74 300 2.90 68 300 3.50 62 300 4.30 57 300 0.75 2.25 250 2.55 250 2.85 250 3.45 250 4.25 250 0.80 2.20 85 200 2.50 76 200 2.80 70 200 3.40 63 200 4.20 58 200 0.85 2.15 150 2.45 150 2.75 150 3.35 150 4.15 150 0.90 2.10 88 131 2.40 78 117 2.70 72 110 3.30 63 100 4.10 58 100 0.95 2.05 2.35 2.65 3.25 4.05 1.00 2.00 90 139 2.30 81 123 2.60 74 111 3.20 64 98 4.00 58 88 1.05 1.95 2.25 2.55 3.15 3.95 1.10 1.90 96 146 2.20 85 127 2.50 76 114 3.10 65 101 3.90 59 90 1.15 1.85 2.15 2.45 3.05 3.85 1.20 1.80 101 154 2.10 88 131 2.40 78 117 3.00 67 103 3.80 59 91 1.25 1.75 2.05 2.35 2.95 3.75 1.30 1.70 108 170 2.00 90 139 2.30 81 123 2.90 68 106 3.70 60 92 1.35 1.65 1.95 2.25 2.85 3.65 1.40 1.60 115 179 1.90 96 146 2.20 85 127 2.80 70 108 3.60 61 93 1.45 1.55 1.85 2.15 2.75 3.55 1.50 1.50 122 192 1.80 101 154 2.10 88 131 2.70 72 110 3.50 62 94 1.55 1.45 129 197 1.75 2.05 2.65 3.45 1.60 1.40 135 206 1.70 108 170 2.00 90 139 2.60 74 111 3.40 63 95 1.65 1.35 145 223 1.65 1.95 2.55 3.35 1.70 1.30 154 248 1.60 115 179 1.90 96 146 2.50 76 114 3.30 63 97 1.75 1.25 165 293 1.55 1.85 2.45 3.25 1.80 1.20 175 353 1.50 122 192 1.80 101 154 2.40 78 117 3.20 64 98 ■DROPOUT VOLTAGE CHART (Continued) *1): Vgs is a Gate –Source voltage of the driver transistor that is defined as the value of VBIAS - VROUT (T). |