| 전자부품 데이터시트 검색엔진 |
|
ACST12-7CT-TR 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ACST12-7CT-TR 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 12 page ![]() Application information ACST12 6/12 2 Application information 2.1 Typical application description The ACST12 device has been designed to control medium power load, such as AC motors in home appliances. Thanks to its thermal and turn off commutation performances, the ACST12 switch is able to drive, with no turn off additional snubber, an inductive load up to 12 A. It also provides high thermal performances in static and transient modes such as the compressor inrush current or high torque operating conditions of an AC motor. Thanks to its low gate triggering current level, the ACST12-7S can be driven directly by a MCU through a simple gate resistor as shown in Figure 16. Figure 16. Compressor control – typical diagram Compressor Start switch Run switch PTC Rg ACST Power supply Gate Driver ACST Rg AC Mains Compressor Electronic starter Electronic thermostat ACST Rg ACST Power supply AC Mains Gate Driver logical circuitry 1 PTC |