| 전자부품 데이터시트 검색엔진 |
|
STA2500DTR 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2500DTR 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 57 page ![]() STA2500D Acronyms and abbreviations Doc ID 16067 Rev 1 55/57 π/4-DQPSK π/4 rotated Differential Quaternary Phase Shift Keying PA Power Amplifier PCB Printed Circuit Board PCM Pulse Code Modulation PD Pull-Down PLL Phase Locked Loop PPEC Pitch-Period Error Concealment PTA Packet Traffic Arbitration PU Pull-Up QoS Quality of Service RAM Random Access Memory RC Resistance-Capacitance RF Radio Frequency rms root mean squared ROM Read Only Memory RS232 ANSI/EIA/TIA-232-F, September 1997, Interface Between Data Terminal Equipment and Data Circuit-Terminating Equipment Employing Serial Binary Data Interchange RSSI Receive Signal Strength Indication RX Receive SCO Synchronous Connection Oriented SIG Bluetooth Special Interest Group SPI Serial Peripheral Interface ST STMicroelectronics SW SoftWare TBD To Be Defined TeSCO eSCO interval TSCO SCO interval Tsniff Sniff interval TX Transmit UART Universal Asynchronous Receiver/Transmitter VCO Voltage Controlled Oscillator VGA Variable Gain Amplifier WCDMA Wideband Code Division Multiple Access WFBGA Very Very Thin Profile Fine Pitch Ball Grid Array WLAN Wireless Local Area Network WLCSP Wafer-Level Chip Scale Package Table 32. Acronyms and abbreviations (continued) Acronyms/ abbreviation Description |