전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VRPB-06F1AX 데이터시트(PDF) 10 Page - Bel Fuse Inc.

부품명 VRPB-06F1AX
상세설명  NON-ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-06F1AX 데이터시트(HTML) 10 Page - Bel Fuse Inc.

Back Button VRPB-06F1AX Datasheet HTML 2Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 3Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 4Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 5Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 6Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 7Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 8Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 9Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 10Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
©2007 Bel Fuse Inc. Specifications subject to change without notice. 013007
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel 852-2328-5515
Tel 44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/6 A Output
Mechanical Outlines (continued)
0RPB-06F1Ax
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and
other hazardous substances from electronic products.
Pin Connections
Pin
Function
1
+Vout
2
+Vout
3
Sense
4
+Vout
5
Ground
6
Ground
7
+Vin
8
+Vin
9
Power Good
10
Trim
11
Remote On/Off



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com