전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6334DIRZ 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL6334DIRZ
상세설명  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL6334DIRZ Datasheet HTML 1Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 2Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 3Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 4Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 5Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 6Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 7Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 8Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
FN6802.1
May 28, 2009
ISL6334D Block Diagram
-
+
X1
RGND
VSEN
VDIFF
-
+
VR_RDY
+175mV
OFS
REF
DAC
PSI#
FB
-
+
COMP
OFFSET
1
N
IMON
VR_HOT
VR_FAN
TM
TCOMP
TEMPERATURE
COMPENSATION
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
DYNAMIC
VID
D/A
ISEN1+
ISEN1-
ISEN2+
ISEN2-
ISEN3+
ISEN3-
ISEN4+
ISEN4-
CHANNEL
CURRENT
SENSE
I_TRIP
Σ
CHANNEL
CURRENT
BALANCE
AND PEAK
CURRENT LIMIT
E/A
OVP
0.875
-
+
POW ER-ON
RESET (POR)
0.875
-
+
SOFT-START
AND
FAULT LOGIC
EN_VTT
EN_PW R
N
N
FS
SS
GND
PWM2
PWM1
PWM3
PWM4
THERMAL
MONITOR
TEMPERATURE
COMPENSATION
GAIN ADJUST
CHANNEL
DETECT
1.11V
-
+
OCP
-
+
OCP
APP and APA
MODULATOR
APP and APA
MODULATOR
APP and APA
MODULATOR
APP and APA
MODULATOR
CLOCK AND
RAMP GENERATOR
1.11V
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com