전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT3070MPUFDPBF 데이터시트(PDF) 21 Page - Linear Technology

부품명 LT3070MPUFDPBF
상세설명  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT3070MPUFDPBF 데이터시트(HTML) 21 Page - Linear Technology

Back Button LT3070MPUFDPBF Datasheet HTML 16Page - Linear Technology LT3070MPUFDPBF Datasheet HTML 17Page - Linear Technology LT3070MPUFDPBF Datasheet HTML 18Page - Linear Technology LT3070MPUFDPBF Datasheet HTML 19Page - Linear Technology LT3070MPUFDPBF Datasheet HTML 20Page - Linear Technology LT3070MPUFDPBF Datasheet HTML 21Page - Linear Technology LT3070MPUFDPBF Datasheet HTML 22Page - Linear Technology LT3070MPUFDPBF Datasheet HTML 23Page - Linear Technology LT3070MPUFDPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3070
21
3070p
APPLICATIONS INFORMATION
NC
SGND
PLLLPF
PVIN
PVIN
SW
SW
SW
SW
MODE
CLKIN
PHMODE
NC
TRACK
VFB
PVIN
PVIN
SW
SW
SW
SW
PGOOD
BSEL
MGN
PGND
100μF
6.3V
3
10pF
0.1μF
1Ω
50k
SGND
100pF
15k
LTC3415EUHF
PGND
PGND
0.2μH
PGND
PGND
PGND
PGND
PGND
PVIN
PVIN
RUN
CLKOUT
ITH
ITHM
SVIN
47μF
6.3V
3
BIAS
50k
LT3070
EN
IN
VO2
VO1
47μF
1nF
2.2μF
2.2μF*
0.01μF
1.3V/7A
4.7μF*
10μF*
2.2μF*
4.7μF*
10μF*
PWRGD
P.O.L 1
1V
10A
VOUT = 1.0V/5A
VOUT = 1.0V/5A
RTRACE
2mΩ
CONTROLLED
P.O.L 2
VO0
MARGSEL
MARGTOL
NC
NC
NC
NC
VIOC
SENSE
OUT
VBIAS
3.3V
PWRGD
REF/BYP
GND
RTRACE
2mΩ
CONTROLLED
50k
BIAS
LT3070
EN
IN
VO2
VO1
47μF
1nF
2.2μF
0.01μF
3070 F08
VO0
MARGSEL
MARGTOL
NC
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
15k
1%
18k
1%
POWER PLANE
NOTE: LTC3415 SWITCHER 2MHz INTERNAL OSCILLATOR
*X5R OR X7R
*X5R OR X7R
Figure 8. 1V, 10A Point-of-Load Current Sharing Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com