전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML720 데이터시트(PDF) 18 Page - Extech Instruments Corporation.

부품명 ML720
상세설명  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXTECH [Extech Instruments Corporation.]
홈페이지  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 데이터시트(HTML) 18 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 11Page - Extech Instruments Corporation. ML720 Datasheet HTML 12Page - Extech Instruments Corporation. ML720 Datasheet HTML 13Page - Extech Instruments Corporation. ML720 Datasheet HTML 14Page - Extech Instruments Corporation. ML720 Datasheet HTML 15Page - Extech Instruments Corporation. ML720 Datasheet HTML 16Page - Extech Instruments Corporation. ML720 Datasheet HTML 17Page - Extech Instruments Corporation. ML720 Datasheet HTML 18Page - Extech Instruments Corporation. ML720 Datasheet HTML 19Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
17
Maintenance
WARNING: To avoid electrical shock, disconnect the meter from any
circuit, remove the test leads from the input jacks and turn OFF the meter
before opening the case. Do not operate with open case. Install only the
same type of fuse or equivalent
Cleaning and Storage
Periodically wipe the case with a damp cloth and mild detergent; do not
use abrasives or solvents. If the meter is not to be used for periods of
longer than 60 days, remove the battery and store it separately
UL Listed
The UL mark does not indicate that this product has been evaluated for
the accuracy of its readings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19