전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WBC-R0202CRAG-01-2004-GF 데이터시트(PDF) 3 Page - IRC - a TT electronics Company.

부품명 WBC-R0202CRAG-01-2004-GF
상세설명  Wire Bondable High Range Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRCTT [IRC - a TT electronics Company.]
홈페이지  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-R0202CRAG-01-2004-GF 데이터시트(HTML) 3 Page - IRC - a TT electronics Company.

  WBC-R0202CRAG-01-2004-GF Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-R0202CRAG-01-2004-GF Datasheet HTML 2Page - IRC - a TT electronics Company. WBC-R0202CRAG-01-2004-GF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IRC Advanced Film Division
© IRC Advanced Film Division • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
WBC-CR Series Issue April 2006
Wire Bondable
High Range Chip Resistors
Environmental Data
Test
Method
Max
∆R
Typical
∆R
Thermal Shock
MIL-STD-202
Method 107
Test condition F
±0.1%
±0.02%
High Temperature Exposure
MIL-STD-883
Method 1008
150°C, 1000 hours
±0.1%
±0.05%
Low Temperature Storage
-55°C, 1000 hours
±0.03%
±0.01%
Life
MIL-STD-202
Method 108
70°C, 1000 hours
±0.5%
±0.01%
Life at Elevated Temperature
MIL-STD-202
Method 108
125°C, 1000 hours
±0.5%
±0.05%
Prefix
WBC - RO2O2CR
A
S - 01 - 2004 - F
B
Style
R0202CR = Discrete Element
B0202CR = Discrete Element with Back Contact
T0303CR = Tapped Network
Bonding pads
A = Aluminum; G = Gold
Backside
G = Gold; S = Silicon
TCR/Inspection Code
Reference TCR/Inspection Code Table
Total Resistance (R)
4-Digit Resistance Code; Ex: 1014 = 1.01M
Ω; 2004 = 2.0MΩ
Absolute Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = 1%
Ratio Tolerance Code (T0303 Only)
J = ±5%; G = ±2%; F= ±1%; D = 0.5%
Packaging
Standard packaging is 2˝ x 2˝ chip tray. For additional information or to discuss your
specific requirements, please contact our Applications Team using the contact details below.
Ordering Data
WBC
WBC-CR Series Issue April 2006
WBC-CR Series Issue April 2006



Html Pages

1 2 3