전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WBC-R0202CRGG-01-2004-GD 데이터시트(PDF) 1 Page - IRC - a TT electronics Company.

부품명 WBC-R0202CRGG-01-2004-GD
상세설명  Wire Bondable High Range Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRCTT [IRC - a TT electronics Company.]
홈페이지  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-R0202CRGG-01-2004-GD 데이터시트(HTML) 1 Page - IRC - a TT electronics Company.

  WBC-R0202CRGG-01-2004-GD Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-R0202CRGG-01-2004-GD Datasheet HTML 2Page - IRC - a TT electronics Company. WBC-R0202CRGG-01-2004-GD Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IRC Advanced Film Division
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
WBC-CR Series Issue April 2006
Wire Bondable
High Range Chip Resistors
• New CHROMAXXTM film system
• Discrete or tapped schematics
• MIL inspection available
• High resistor density
WBC-CR Series
IRC’s WBC-CR series now brings higher ohmic range thin film
capabilities to hybrid applications. Using IRC’s new CHROMAXXTM
film system on silicon substrates provides thin film performance on an extremely small footprint. Custom
resistance values, sizes and schematics are available on request from the factory.
Absolute Tolerance
to ±0.1%
Absolute TCR
to ±100ppm/°C
Package Power Rating
(@ 70°C)
250mW
Rated Operating Voltage
(not to exceed
P x R )
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
Oxidized Silicon
(10KÅ SiO
2 min)
Substrate Thickness
0.010˝ ±0.001
(0.254mm ±0.025)
Bond Pad
Metallization
Aluminum
10KÅ minimum
Gold
15KÅ minimum
Backside
R0202 and
T0303
Silicon
(Gold available)
B0202
Gold
3KÅ minimum
Passivation
Silicon Dioxide or
Silicon Nitride
√
(not to exceed
P x R )
(not to exceed
P x R )
√
Electrical Data
0.020˝ ±0.001
(0.508mm ±0.025)
0.020˝ ±0.001
(0.508mm ±0.025)
0.030˝ ±0.001
(0.762mm ±0.025)
0.004˝ min bond pad size
0.004˝ min bond pad size
Back contact
Top contact
Physical Data
R0202 - Discrete
T0303 - Tapped network ½R + ½R
B0202 - Discrete back contact
Top contact
pad chamfered
R
R
½R
½R
0.004˝ min bond pad size


유사한 부품 번호 - WBC-R0202CRGG-01-2004-GD

제조업체부품명데이터시트상세설명
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-B IRCTT-WBC-R0202AG-01-1002-B Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-R0202AG-01-1002-C IRCTT-WBC-R0202AG-01-1002-C Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-R0202AG-01-1002-D IRCTT-WBC-R0202AG-01-1002-D Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-R0202AG-01-1002-F IRCTT-WBC-R0202AG-01-1002-F Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-R0202AG-01-1002-G IRCTT-WBC-R0202AG-01-1002-G Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
More results

유사한 설명 - WBC-R0202CRGG-01-2004-GD

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
Current Sensing Bondable Chip Resistors
06-Oct-08
logo
IRC - a TT electronics ...
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
Wire Bondable Ceramic Resistors
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
Wire Bondable Chip Capacitor
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
Wire Bondable Multi-tap Chip Resistors
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
High Temperature Bondable Thick Film Chip Resistors
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
Wire Bondable
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
Wire Bondable Chip Resistors
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
Wire Bondable Chip Capacitor
More results


Html Pages

1 2 3