전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPT574 데이터시트(PDF) 10 Page - Cadeka Microcircuits LLC.

부품명 SPT574
상세설명  FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CADEKA [Cadeka Microcircuits LLC.]
홈페이지  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT574 데이터시트(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT574 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SPT574
Figure 10 - Control Logic
Input Buffers
Read Control
EOC8
EOC12
Nibble B Zero
Override
Nibble A,B
Nibble C
CK
Q
D
Q
AO Latch
CE
R/C
A
CS
12/8
D
Q
CK
R
Delay
STS
H
PACKAGE OUTLINES
28-Lead PDIP
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.250
6.35
B
0.115
0.200
2.92
5.08
C
0.014
0.022
0.36
0.56
D
0.100
2.54
E
0.030
0.070
0.76
1.78
F
0.008
0.015
0.20
0.38
G
0.125
0.195
3.18
4.95
H
0.600
0.625
15.24
15.88
I
0.485
0.580
12.32
14.73
J
1.380
1.565
35.05
39.75
K
0.005
0.040
0.13
1.02
A
B
C
D
E
1
28
J
K
F
G
H
I
10
8/1/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12