| 전자부품 데이터시트 검색엔진 |
|
SPT574BCJ 데이터시트(PDF) 10 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
SPT574BCJ 데이터시트(HTML) 10 Page - Cadeka Microcircuits LLC. |
|
10 / 12 page ![]() SPT574 Figure 10 - Control Logic Input Buffers Read Control EOC8 EOC12 Nibble B Zero Override Nibble A,B Nibble C CK Q D Q AO Latch CE R/C A CS 12/8 D Q CK R Delay STS H PACKAGE OUTLINES 28-Lead PDIP INCHES MILLIMETERS SYMBOL MIN MAX MIN MAX A 0.250 6.35 B 0.115 0.200 2.92 5.08 C 0.014 0.022 0.36 0.56 D 0.100 2.54 E 0.030 0.070 0.76 1.78 F 0.008 0.015 0.20 0.38 G 0.125 0.195 3.18 4.95 H 0.600 0.625 15.24 15.88 I 0.485 0.580 12.32 14.73 J 1.380 1.565 35.05 39.75 K 0.005 0.040 0.13 1.02 A B C D E 1 28 J K F G H I 10 8/1/00 |