| 전자부품 데이터시트 검색엔진 |
|
APT100GT60B2RG 데이터시트(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT100GT60B2RG 데이터시트(HTML) 2 Page - Microsemi Corporation |
|
2 / 6 page ![]() Dynamic Characteristic APT100GT60B2R_LR(G) Symbol Characteristic Test Conditions Min Typ Max Unit C ies Input Capacitance V GE = 0V, VCE = 25V f = 1MHz - 5150 - pF C oes Output Capacitance - 475 - C res Reverse Transfer Capacitance - 295 - V GEP Gate-to-Emitter Plateau Voltage Gate Charge V GE = 15V V CE= 300V I C = 100A - 8.0 - V Q g Total Gate Charge 3 - 460 - nC Q ge Gate-Emitter Charge - 40 - Q gc Gate-Collector Charge - 210 - SSOA Switching Safe Operating Area T J = 150°C, RG = 4.3Ω , VGE = 15V, L = 100μH, V CE= 600V 300 A t d(on) Turn-On Delay Time Inductive Switching (25°C) V CC = 400V V GE = 15V I C = 100A R G = 4.3Ω T J = +25°C -40 - ns t r Current Rise Time - 75 - t d(off) Turn-Off Delay Time - 320 - t f Current Fall Time - 100 - E on1 Turn-On Switching Energy 4 - 3250 - μJ E on2 Turn-On Switching Energy 5 - 3525 - E off Turn-Off Switching Energy 6 - 3125 - t d(on) Turn-On Delay Time Inductive Switching (125°C) V CC = 400V V GE = 15V I C = 100A R G = 4.3Ω T J = +125°C -40 - ns t r Current Rise Time - 75 - t d(off) Turn-Off Delay Time - 350 - t f Current Fall Time - 100 - E on1 Turn-On Switching Energy 4 - 3275 - μJ E on2 Turn-On Switching Energy 5 - 4650 - E off Turn-Off Switching Energy 6 - 3750 - Symbol Characteristic / Test Conditions Min Typ Max Unit R θJC Junction to Case (IGBT) - - 0.25 °C/W R θJC Junction to Case (DIODE) - - N/A W T Package Weight - 29.2 - g Torque Terminals and Mounting Screws - - 10 in·lbf - - 1.1 N·m 1 Repetitive Rating: Pulse width limited by maximum junction temperature. 2 For Combi devices, I ces includes both IGBT and FRED leakages. 3 See MIL-STD-750 Method 3471. 4 E on1 is the clamped inductive turn-on energy of the IGBT only, without the effect of a commutating diode reverse recovery current adding to z a the IGBT turn-on loss. Tested in inductive switching test circuit shown in figure 21, but with a Silicon Carbide diode. 5 E on2 is the clamped inductive turn-on energy that includes a commutating diode reverse recovery current in the IGBT turn-on switching loss. (See Figures 21, 22.) 6 E off is the clamped inductive turn-off energy measured in accordance with JEDEC standard JESD24-1. (See Figures 21, 23.) 7 R G is external gate resistance not including gate driver impedance. Thermal and Mechanical Characteristics Microsemi reserves the right to change, without notice, the specifications and information contained herein. |