전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPT9687SIS 데이터시트(PDF) 7 Page - Cadeka Microcircuits LLC.

부품명 SPT9687SIS
상세설명  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CADEKA [Cadeka Microcircuits LLC.]
홈페이지  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9687SIS 데이터시트(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT9687SIS Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9687SIS Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9687SIS Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9687SIS Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9687SIS Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9687SIS Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9687SIS Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9687SIS Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
3/21/97
SPT9687
PACKAGE OUTLINES
20-Lead Plastic Leaded Chip Carrier (PLCC)
A
B
E
Pin 1
G
L
M
N
H
I
J
K
O
C
D
F
TOP
VIEW
Pin 1
BOTTOM
VIEW
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
.045 typ
1.14
B
C
0.350
0.356
8.89
9.04
D
0.385
0.395
9.78
10.03
E
0.350
0.356
8.89
9.04
F
0.385
0.395
9.78
10.03
G
0.042
0.056
1.07
1.42
H
0.165
0.180
4.19
4.57
I
0.085
0.110
2.16
2.79
J
0.025
0.040
0.64
1.02
K
0.015
0.025
0.38
0.64
L
0.026
0.032
0.66
0.81
M
0.013
0.021
0.33
0.53
N
0.050
1.27
O
0.290
0.330
7.37
8.38
16-Lead Small Outline Integrated Circuit (SOIC)
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.150
0.157
3.81
3.99
B
0.230
0.244
5.84
6.20
C
0.386
0.393
9.80
9.98
D
.050 Typ
1.27 Typ
E
0.0138
0.0192
0.35
0.49
F
0.004
0.0098
0.127
0.25
G
0.061
0.068
1.55
1.73
H
0.0075
0.0098
0.19
0.25
I
0.055
0.061
1.40
1.55
1
16
C
G
A B
DE
F
H
I



Html Pages

1 2 3 4 5 6 7 8