| 전자부품 데이터시트 검색엔진 |
|
SPT9687SCU 데이터시트(PDF) 7 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
SPT9687SCU 데이터시트(HTML) 7 Page - Cadeka Microcircuits LLC. |
|
7 / 8 page ![]() 7 3/21/97 SPT9687 PACKAGE OUTLINES 20-Lead Plastic Leaded Chip Carrier (PLCC) A B E Pin 1 G L M N H I J K O C D F TOP VIEW Pin 1 BOTTOM VIEW INCHES MILLIMETERS SYMBOL MIN MAX MIN MAX A .045 typ 1.14 B C 0.350 0.356 8.89 9.04 D 0.385 0.395 9.78 10.03 E 0.350 0.356 8.89 9.04 F 0.385 0.395 9.78 10.03 G 0.042 0.056 1.07 1.42 H 0.165 0.180 4.19 4.57 I 0.085 0.110 2.16 2.79 J 0.025 0.040 0.64 1.02 K 0.015 0.025 0.38 0.64 L 0.026 0.032 0.66 0.81 M 0.013 0.021 0.33 0.53 N 0.050 1.27 O 0.290 0.330 7.37 8.38 16-Lead Small Outline Integrated Circuit (SOIC) INCHES MILLIMETERS SYMBOL MIN MAX MIN MAX A 0.150 0.157 3.81 3.99 B 0.230 0.244 5.84 6.20 C 0.386 0.393 9.80 9.98 D .050 Typ 1.27 Typ E 0.0138 0.0192 0.35 0.49 F 0.004 0.0098 0.127 0.25 G 0.061 0.068 1.55 1.73 H 0.0075 0.0098 0.19 0.25 I 0.055 0.061 1.40 1.55 1 16 C G A B DE F H I |