| 전자부품 데이터시트 검색엔진 |
|
SPT9693SCP 데이터시트(PDF) 9 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
SPT9693SCP 데이터시트(HTML) 9 Page - Cadeka Microcircuits LLC. |
|
9 / 10 page ![]() 9 3/1/01 SPT9693 PACKAGE OUTLINES 20-Contact Leadless Chip Carrier (LCC) C D F A B Pin 1 Bottom View G H E A B E Pin 1 G L M N H I J K O C D F TOP VIEW Pin 1 BOTTOM VIEW INCHES MILLIMETERS SYMBOL MIN MAX MIN MAX A .040 typ 1.02 typ B .050 typ 1.27 typ C 0.045 0.055 1.14 1.40 D 0.345 0.360 8.76 9.14 E 0.054 0.066 1.37 1.68 F .020 typ 0.51 typ G 0.022 0.028 0.56 0.71 H 0.075 1.91 INCHES MILLIMETERS SYMBOL MIN MAX MIN MAX A .045 typ 1.14 typ B .045 typ 1.14 typ C 0.350 0.356 8.89 9.04 D 0.385 0.395 9.78 10.03 E 0.350 0.356 8.89 9.04 F 0.385 0.395 9.78 10.03 G 0.042 0.056 1.07 1.42 H 0.165 0.180 4.19 4.57 I 0.085 0.110 2.16 2.79 J 0.025 0.040 0.64 1.02 K 0.015 0.025 0.38 0.64 L 0.026 0.032 0.66 0.81 M 0.013 0.021 0.33 0.53 N 0.050 1.27 O 0.290 0.330 7.37 8.38 20-Lead Plastic Leadless Chip Carrier (PLCC) |