전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMC2011A 데이터시트(PDF) 11 Page - Cadeka Microcircuits LLC.

부품명 TMC2011A
상세설명  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CADEKA [Cadeka Microcircuits LLC.]
홈페이지  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2011A 데이터시트(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button TMC2011A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2011A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2011A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2011A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2011A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2011A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2011A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2011A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2011A Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
TMC2011A/2111A
11
Mechanical Dimensions (continued)
28-Lead PLCC Package
D
e
E
A
.165
.180
4.19
4.57
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
E1
J
D1
A
A1
A2
B
B1
D3/E3
J
– C –
ccc C
LEAD COPLANARITY
A1
.090
.120
2.29
3.05
A2
.020
.51
——
B
.013
.021
.33
.53
D/E
.485
.495
12.32
12.57
D1/E1
.450
.456
11.43
11.58
D3/E3
.300 BSC
7.62 BSC
e
.050 BSC
1.27 BSC
J
.042
.048
1.07
1.22
2
3
ND/NE
7
7
N28
28
ccc
.004
0.10
——
B1
.026
.032
.66
.81
Notes:
1.
2.
3.
All dimensions and tolerances conform to ANSI Y14.5M-1982
Corner and edge chamfer (J) = 45
¡
Dimension D1 and E1 do not include mold protrusion. Allowable
protrusion is .101" (.25mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12