전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMC2192KHC 데이터시트(PDF) 7 Page - Cadeka Microcircuits LLC.

부품명 TMC2192KHC
상세설명  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CADEKA [Cadeka Microcircuits LLC.]
홈페이지  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC 데이터시트(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
7
Functional Description
Input Formats
Control Registers for this section
The TMC2192 supports YCBCR component sources on the
pixel data port. YCBCR input sources are supported in 10 bit
4:2:2, 20 bit 4:2:2, 20 bit 4:4:4, and 24 bit 4:4:4. In the 4:2:2
cases the color difference components are linearly interpo-
lated to 4:4:4 internally.
Demuxing of multiplexed data streams depends on which
synchronization mode the encoder is operating in. For slave
and genlock modes the falling edge of HSIN must be LOW
prior to the CB data in order to demux the data correctly. For
master mode synchronization the falling edge of HSOUT
must be LOW prior to the Y data in order to demux the data
correctly. Finally, in 656 mode the demuxing of the data
stream is determined by the TRS codes, the first sample after
the TRS is considered a CB sample of the CB Y CR YI
packet.
The control register D1OFF controls the formatting of the
incoming luminance data at the pixel data port. When
D1OFF is HIGH a blanking level of 6410 is subtracted from
the luminance and when D1OFF is LOW the incoming the
pixel data is passed through. The inversion of the MSB’s on
the CB and CR components is controlled by the INMODE
control register.
Figure 1. Input Formats
1.
INMODE = 00, PD[7:0] = PD[23:16] = CB, PD[15:8] = CR
Figure 2. 24 Bit Input Format
Address
Bit(s)
Name
0x05
7
D1OFF
0x05
6-4
INMODE
0x06
0
TSOUT
23
16
15
8
97
PD
0
0
0
0
0
Y
C
B
C
R
YC C
BR
YC C
BR
9
0
Y
9
0
9
77
7
1
2
INMODE
00
01
1x
2192002A
tDO
PD[7:0]
PD[15:8]
PD[23:16]
PXCK
HSOUT
(TSOUT = 1)
2192003A
Yn-1
CRn-1
CBn-1
Yx+1
Yx+2
Yx
Yn
Y0
CRn
CR0
CBn
CB0
tS
tH
tDO
x = (SY+BR+BU+CBP)*2
128
0
n = (SY+BR+BU+CBP+AV)*2
HSIN
tSP
CBx
CBx+1
CBx+2
CRx
CRx+1
CRx+2
2.
INMODE = 01, PD[23:14] = YCBCR running at 27MHz.
The PD port is clocked at twice the pixel rate, with the data
organized as CB Y CR Y, with the cosited Y's following the
CB's. In its CCIR-656 time base mode, the demuxed CB, Y,
and CR data is synchronized to the SAV preamble. The first
data value, after the SAV preamble, is treated as a CB data
point in the multiplexed CB, Y, CR Y , D1 data stream.
Note: Figure 3, pixel numbering, reflects the SMPTE-125M
pixel numbering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69