전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L3916A 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 L3916A
상세설명  SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3916A 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button L3916A_1 Datasheet HTML 7Page - STMicroelectronics L3916A_1 Datasheet HTML 8Page - STMicroelectronics L3916A_1 Datasheet HTML 9Page - STMicroelectronics L3916A_1 Datasheet HTML 10Page - STMicroelectronics L3916A_1 Datasheet HTML 11Page - STMicroelectronics L3916A_1 Datasheet HTML 12Page - STMicroelectronics L3916A_1 Datasheet HTML 13Page - STMicroelectronics L3916A_1 Datasheet HTML 14Page - STMicroelectronics L3916A_1 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
4.7K RMF
0.47
µF
25V
C10
4.7nF CMF
GDTMF
22
23
VDD
6
PULSE
10K
220
µF
16V
C1
3.579MHz x1
5
OSC
7
MODE
HOOK
/PT
100K R8
8
HKS
9
SW1B
GND
10
RXOUT
11
GRX
100K RGRX
10
µF/50V
C3
13
IREF
3.6K R9
14
VCC
100
µFC5
12
RGIN
1K
RAC
100nF
C4
4
3
2
1
C4
C3
C2
C1
28
27
26
25
R1
R2
R3
R4
24
R5
E1 E2 E3 MEM
* 0#
789
456
123
P/LND
PROG
FLASH
21
MIC+
20
MIC-
RGTX
GTX
19
C7
18
REG
17
16
15
LED
LN
LED
ILINE
3.9K R12
470
RS2
20
R10
390
Ω R11
120
RS1
D95TL168
R5
150K
R2
1N4140
C23
22
µF/16V
3.3K
R4
HF393
Q3
D4
D3
D1
D2
1N4004 x 4
10 R1
D14
TPA270
100K
R3
SW1A
5.6V
D10
HP5A94 Q1
10M
R6
TIP
RING
1.2K
R7
4.7nF
C6
10V
D15
SW2
BUZZER
D12
220nF
CS
130K R13
4.7
µF/25V
56K
1.2K
R14
1.2K
R15
CERAMIC RESONATOR
Figure 9:Typical Application Circuit.
L3916A - L3926A - L3936A
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com