전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2801 데이터시트(PDF) 1 Page - KR Electronics, Inc.

부품명 2801
상세설명  42 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KR [KR Electronics, Inc.]
홈페이지  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2801 데이터시트(HTML) 1 Page - KR Electronics, Inc.

  2801 Datasheet HTML 1Page - KR Electronics, Inc. 2801 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
Cor
PRm
CH2
S 21
delay
REF 130 ns
50 ns/
CENTER 42.000 000 MHz
SPAN
4.000 000 MHz
Cor
Smo
PRm
24 Oct 2007 16:24:35
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 42.000 000 MHz
SPAN 50.000 000 MHz
Cor
PRm
24 Oct 2007 16:10:46
KR Electronics
KR 2801 is a 42 MHz surface mount bandpass filter. The filter
has a minimum 3 dB bandwidth of 4 MHz. Other passband fre-
quencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 42 MHz Center Frequency
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 50 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


유사한 부품 번호 - 2801

제조업체부품명데이터시트상세설명
logo
Heyco.
2801 HEYCO-2801 Datasheet
102Kb / 1P
Shorty Bushings
logo
Sealevel Systems, Inc.
2801 SEALEVEL-2801 Datasheet
326Kb / 2P
USB to 8-Port RS-232 DB9 Serial Interface Adapter
logo
Samsung semiconductor
2801-003326 SAMSUNG-2801-003326 Datasheet
1Mb / 43P
Color Monitor
September 1999
logo
Toshiba Semiconductor
2801-003432 TOSHIBA-2801-003432 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
Samsung semiconductor
2801-003667 SAMSUNG-2801-003667 Datasheet
1Mb / 43P
Color Monitor
September 1999
More results

유사한 설명 - 2801

제조업체부품명데이터시트상세설명
logo
KR Electronics, Inc.
2790 KR-2790 Datasheet
371Kb / 2P
75 MHz surface mount bandpass filter
2791 KR-2791 Datasheet
371Kb / 2P
500 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2792-27 KR-2792-27 Datasheet
371Kb / 2P
27 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com