전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM-103C15433 데이터시트(PDF) 4 Page - rfsolutions.ltd

부품명 FM-103C15433
상세설명  RADIO TRANSMITTER ENCODERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFSOLUTIONS [rfsolutions.ltd]
홈페이지  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-103C15433 데이터시트(HTML) 4 Page - rfsolutions.ltd

  FM-103C15433 Datasheet HTML 1Page - rfsolutions.ltd FM-103C15433 Datasheet HTML 2Page - rfsolutions.ltd FM-103C15433 Datasheet HTML 3Page - rfsolutions.ltd FM-103C15433 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS103_3
Jan ‘01
©2001 Reg. No. 227 4001, ENGLAND
Page 4
103 & 107 SERIES RADIO TRANSMITTER ENCODERS
Ordering Information
Standard 433MHz Series Encoders
Part Number
Description
Freq
(MHz)
Range**
(Metres)
Compatible
Decoders
FM-103C4-433
FM Encoder 4 Sw
433.92
200
FM-103C8-433
FM Encoder 8 Sw
433.92
200
FM-103C15433
FM Encoder 15 Sw
433.92
200
001 Series
008 Series
U105C4A
433MHz Narrow Band Series Encoders
Part Number
Description
Freq
(MHz)
Range**
(Metres)
Compatible
Decoders
FM-103C4-433NB
FM Narrow Band Enc 4 Sw
434.525
1000
FM-103C8-433NB
FM Narrow Band Enc 8 Sw
434.525
1000
FM-103C15-433NB
FM Narrow Band Enc 15 Sw
434.525
1000
105C4A-433NB
series
458MHz Series Encoders
Part Number
Description
Freq
(MHz)
Range**
(Metres)
Compatible
Decoders
FM-103C4-458NB
FM Encoder 4 Sw
458.850
6000
FM-103C8-458NB
FM Encoder 8 Sw
458.850
6000
FM-103C15-458NB
FM Encoder 15 Sw
458.850
6000
105C4A-458F
series
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by upto 50%
Should you require further assistance please contact
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL, England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
R F Solutions is a member of the Low Power Radio Association.
All Trademarks acknowledged and remain the property of the respected owners.
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com