전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

311HS063XW14 데이터시트(PDF) 2 Page - Glenair, Inc.

부품명 311HS063XW14
상세설명  Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GLENAIR [Glenair, Inc.]
홈페이지  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

311HS063XW14 데이터시트(HTML) 2 Page - Glenair, Inc.

  311HS063XW14 Datasheet HTML 1Page - Glenair, Inc. 311HS063XW14 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-9
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
TABLE IV: CABLE ENTRY
Dash
Number
D Max
Entry Max
01
.448 (11.4)
.13 (3.3)
02
.515 (13.1)
.25 (6.4)
03
.640 (16.3)
.38 (9.7)
04
.765 (19.4)
.50 (12.7)
05
.930 (23.6)
.63 (16.0)
06
1.015 (25.8)
.75 (19.1)
07
1.140 (29.0)
.81 (20.6)
08
1.265 (32.1)
1.06 (26.9)
09
1.432 (36.4)
1.19 (30.2)
10
1.515 (38.5)
1.38 (35.1)
311-063
Composite Lamp Base Thread
EMI/RFI Environmental Shield Termination Backshell
with Shrink Boot Porch and Direct Coupling Nut
NOTES
See Table I in Intro for front-end dimensional details.
1.
For angled shrink boots, contact Glenair engineering.
2.
770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details.
3.
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant
Electroless Nickel
XMT
2000 Hour Corrosion Resistant
Ni-PTFE, Nickel-Fluorocarbon
Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant
Cadmium/Olive Drab over
Electroless Nickel



Html Pages

1 2