| 전자부품 데이터시트 검색엔진 |
|
370LS005B08 데이터시트(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
370LS005B08 데이터시트(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 37 - Page 21 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Interface O-Ring not supplied with connector designator A. 5. Consult factory for shorter lengths on straight backshells. TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 28 32 36 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 E Max .457 (11.6) .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .926 (23.5) .926 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4) G Max .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1) H Max 2.040 (51.8) 2.040 (51.8) 2.160 (54.9) 2.180 (55.4) 2.250 (57.2) 2.340 (59.4) 2.340 (59.4) 2.510 (63.8) 2.510 (63.8) 2.620 (66.5) 2.620 (66.5) 2.620 (66.5) F Max 2.030 (51.6) 2.030 (51.6) 2.090 (53.1) 2.150 (54.6) 2.240 (56.9) 2.340 (59.4) 2.340 (59.4) 2.540 (64.5) 2.540 (64.5) 2.680 (68.1) 2.680 (68.1) 2.680 (68.1) TABLE V: CABLE ENTRY Dash No. 01 02 03 04 05 06 07 08 09 10 K Max .593 (15.1) .718 (18.2) .873 (22.2) .968 (24.6) 1.109 (28.2) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) Cable Range Max .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) Min .062 (1.6) .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) TABLE IV: CABLE ENTRY Dash No. 01 02 03 04 05 06 07 08 09 10 J Max .781 (19.8) .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) 1.843 (46.8) Cable Range Max .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) Min .062 (1.6) .125 (3.2) .250 (6.4) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .625 (15.9) .750 (19.1) .875 (22.2) See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. 370-005 Splash-Proof Cable Sealing Backshell with Strain Relief Low Profile - Rotatable Coupling TABLE II: STANDARD FINISHES GLENAIR SYMBOL B C G M NF FINISH Cadmium Plate, Olive Drab Anodize, Black Hard Coat, Anodic Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel See Inside Back Cover for Additional Finish Options |