전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3105 데이터시트(PDF) 13 Page - Maxim Integrated Products

부품명 DS3105
상세설명  Line Card Timing IC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 데이터시트(HTML) 13 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 9Page - Maxim Integrated Products DS3105 Datasheet HTML 10Page - Maxim Integrated Products DS3105 Datasheet HTML 11Page - Maxim Integrated Products DS3105 Datasheet HTML 12Page - Maxim Integrated Products DS3105 Datasheet HTML 13Page - Maxim Integrated Products DS3105 Datasheet HTML 14Page - Maxim Integrated Products DS3105 Datasheet HTML 15Page - Maxim Integrated Products DS3105 Datasheet HTML 16Page - Maxim Integrated Products DS3105 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
_____________________________________________________________________________________________ DS3105
19-4628; Rev 3; 5/09
13 of 120
Table 6-3. Global Pin Descriptions
PIN NAME
(1)
TYPE
(2)
PIN DESCRIPTION
RST
IPU
Reset (Active Low). When this global asynchronous reset is pulled low, all internal circuitry is
reset to default values. The device is held in reset as long as
RST is low. RST should be held
low for at least two REFCLK cycles after the external oscillator has stabilized and is providing
valid clock signals.
SRCSW
IPD
Source Switching. Fast source-switching control input. See Section 7.6.5. The value of this pin
is latched into MCR10:EXTSW when
RST goes high. After RST goes high this pin can be used
to select between IC3/IC5 and IC4/IC6, if enabled.
TEST
IPD
Factory Test Mode Select. Wire this pin to VSS for normal operation.
O3F1/SRFAIL
IOPU
OC3 Frequency Select 1/SRFAIL Status Pin. This pin is sampled when the
RST pin goes high
and the value is used as O3F1, which, together with O3F2 and O3F0, sets the default
frequency of the OC3 output clock pin. See Table 7-18. After
RST goes high, if MCR10:SRFPIN
= 1, this pin follows the state of the SRFAIL status bit in the MSR2 register. This gives the
system a very fast indication of the failure of the current reference. When MCR10:SRFPIN = 0,
SRFAIL is disabled (low).
O3F2/LOCK
IOPD
OC3 Frequency Select 2/T0 DPLL LOCK Status. This pin is sampled when the
RST pin goes
high and the value is used as O3F2, which, together with O3F1 and O3F0, sets the default
frequency of the OC3 output clock pin. See Table 7-18. After
RST goes high, if
MCR1.LOCKPIN = 1, this pin indicates the lock state of the T0 DPLL. When MCR1.LOCKPIN =
0, LOCK is disabled (low).
0 = Not locked
1 = Locked
O6F0/GPIO1
IOPD
OC6 Frequency Select 0/General-Purpose I/O Pin 1. This pin is sampled when the
RST pin
goes high and the value is used as O6F0, which, together with O6F2 and O6F1, sets the
default frequency of the OC6 output clock pin. See Table 7-17. After
RST goes high, this pin
can be used as a general-purpose I/O pin. GPCR:GPIO1D configures this pin as an input or an
output. GPCR:GPIO1O specifies the output value. GPSR:GPIO1 indicates the state of the pin.
O6F1/GPIO2
IOPD
OC6 Frequency Select 1/General-Purpose I/O Pin 2. This pin is sampled when the
RST pin
goes high and the value is used as O6F1 which together with O6F2 and O6F0 sets the default
frequency of the OC6 output clock pin. See Table 7-17. After
RST goes high this pin can be
used as a general purpose I/O pin. GPCR:GPIO2D configures this pin as an input or an output.
GPCR:GPIO2O specifies the output value. GPSR:GPIO2 indicates the state of the pin.
O6F2 GPIO3
IOPU
OC6 Frequency Select 2/General-Purpose I/O Pin 3. This pin is sampled when the
RST pin
goes high and the value is used as O6F2, which, together with O6F1 and O6F0, sets the
default frequency of the OC6 output clock pin. See Table 7-17. After
RST goes high, this pin
can be used as a general-purpose I/O pin. GPCR:GPIO3D configures this pin as an input or an
output. GPCR:GPIO3O specifies the output value. GPSR:GPIO3 indicates the state of the pin.
SONSDH/
GPIO4
I/OPD
SONET/SDH Frequency Select Input/General-Purpose I/O 4. When
RST goes high the state
of this pin sets the reset-default state of MCR3:SONSDH, MCR6:DIG1SS, and MCR6:DIG2SS.
After
RST goes high this pin can be used as a general-purpose I/O pin. GPCR:GPIO4D
configures this pin as an input or an output. GPCR:GPIO4O specifies the output value.
GPSR:GPIO4 indicates the state of the pin.
Reset latched values:
0 = SDH rates (N x 2.048MHz)
1 = SONET rates (N x 1.544MHz)
INTREQ/LOS
O3
Interrupt Request/Loss of Signal. Programmable (default: INTREQ). The INTCR:LOS bit
determines whether the pin indicates interrupt requests or loss of signal (i.e., loss of selected
reference).
INTCR:LOS = 0: INTREQ mode
The behavior of this pin is configured in the INTCR register. Polarity can be active high or
active low. Drive action can be push-pull or open drain. The pin can also be configured as
a general-purpose output if the interrupt request function is not needed.
INTCR:LOS = 1: LOS mode
This pin indicates the real-time state of the selected reference activity monitor (see Section
7.5.3). This function is most useful when external switching mode (Section 7.6.5) is
enabled (MCR10:EXTSW = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com