전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI2003 데이터시트(PDF) 6 Page - Vicor Corporation

부품명 PI2003
상세설명  Universal Active ORing Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 데이터시트(HTML) 6 Page - Vicor Corporation

Back Button PI2003 Datasheet HTML 2Page - Vicor Corporation PI2003 Datasheet HTML 3Page - Vicor Corporation PI2003 Datasheet HTML 4Page - Vicor Corporation PI2003 Datasheet HTML 5Page - Vicor Corporation PI2003 Datasheet HTML 6Page - Vicor Corporation PI2003 Datasheet HTML 7Page - Vicor Corporation PI2003 Datasheet HTML 8Page - Vicor Corporation PI2003 Datasheet HTML 9Page - Vicor Corporation PI2003 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Forward Low-Current and VG > ½ VC
VC pin Under-Voltage
Reverse current is the only fault condition that
initiates gate turn-off of the MOSFET (as well as a
fault flag signal).
Forward Over-Current and
Forward Low-Current fault conditions issue a fault
flag signal to the FT pin, but do not affect the gate
of the MOSFET. The FT pin serves as an indicator
that a fault condition may be present. This
information can be reported to a Host to signal that
some system level maintenance may be required.
The FT pin can be connected to VC pin or system
logic bias voltage via a current limiting resistor.
When pulling up FT to an unregulated voltage
connect FC to FT . FC will clamp FT voltage to
one diode drop above VC. This current will return to
ground through the internal shunt.
Figure 2:
PI2003 Controller Internal Block Diagram (10 Lead TDFN package pin out shown)
Figure 3:
Comparator hysteresis, values are for reference only, please refer to the electrical specifications
Picor Corporation • picorpower.com
PI2003
Rev 1.0
Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16