| 전자부품 데이터시트 검색엔진 |
|
MAXQ3180-RAN+ 데이터시트(PDF) 79 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ 데이터시트(HTML) 79 Page - Maxim Integrated Products |
|
79 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE ______________________________________________________________________________________ 79 Filter Coefficients Line Cycle Noise Rejection Filter (REJ_NS) (0x02C) This register establishes the sensitivity of the NS rejection filter setting. NS is a measure of the line frequency. If a line cycle occurs that is shorter or longer than the line cycle represented in the NS register, this filter determines whether the cycle is used to update the NS value. For more information, see the NS register description. If this register is zero, noise rejection is disabled for the line cycle counter. Line Cycle Averaging Filter (AVG_NS) (0x02E) This register determines whether the NS value is averaged over previous values or whether the most recently measured value is used directly. If the value of this register is nonzero, the NS value is averaged using the following formula: If the value of this register is zero, NS is not averaged. The MSB of this register must be zero. yy AVG NS xy nn nn =+ − − − 1 1 16 2 _ Bit: 15 14 13 12 11 10 9 8 Name: Line Cycle Noise Rejection Filter High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: Line Cycle Noise Rejection Filter Low Byte Reset: 0xC8 Bit: 15 14 13 12 11 10 9 8 Name: Line Cycle Averaging Filter High Byte Reset: 0x40 Bit: 7 6 5 4 3 2 1 0 Name: Line Cycle Averaging Filter Low Byte Reset: 0x00 |