전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS48DV2B-CQZ 데이터시트(PDF) 24 Page - Cirrus Logic

부품명 CS48DV2B-CQZ
상세설명  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B-CQZ 데이터시트(HTML) 24 Page - Cirrus Logic

Back Button CS48DV2B-CQZ Datasheet HTML 18Page - Cirrus Logic CS48DV2B-CQZ Datasheet HTML 19Page - Cirrus Logic CS48DV2B-CQZ Datasheet HTML 20Page - Cirrus Logic CS48DV2B-CQZ Datasheet HTML 21Page - Cirrus Logic CS48DV2B-CQZ Datasheet HTML 22Page - Cirrus Logic CS48DV2B-CQZ Datasheet HTML 23Page - Cirrus Logic CS48DV2B-CQZ Datasheet HTML 24Page - Cirrus Logic CS48DV2B-CQZ Datasheet HTML 25Page - Cirrus Logic CS48DV2B-CQZ Datasheet HTML 26Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
24
Copyright 2009 Cirrus Logic
DS875F2
CONFIDENTIAL
8.2 48-pin LQFP Package Drawing
Figure 12. 48-Pin LQFP Package Drawing
48 LD LQFP (7x7x1.4 mm body)
Number of Leads
48
MIN
NOM
MAX
A1.60
A1
0.05
0.15
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
D9.00 BSC
D1
7.00 BSC
e0.50 BSC
E9.00 BSC
E1
7.00 BSC
theta
0
7
L
0.45
0.60
0.75
L1
1.00 REF
NOTES:
1) Reference document: JEDEC MS-026
2) All dimensions are in millimeters and controlling dimension is in millimeters.
3) D1 and E1 do not include mold flash which is 0.25 mm max. per side.A1
4) Dimension b does not include a total allowable dambar protrusion of 0.08 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26