전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS4SD2M32 데이터시트(PDF) 21 Page - Austin Semiconductor

부품명 AS4SD2M32
상세설명  512K x 32 x 4 Banks (64-Mb) Synchronous SDRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUSTIN [Austin Semiconductor]
홈페이지  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD2M32 데이터시트(HTML) 21 Page - Austin Semiconductor

Back Button AS4SD2M32 Datasheet HTML 17Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 18Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 19Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 20Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 21Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 22Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 23Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 24Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 25Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD2M32
AS4SD2M32
Rev. 1.0 1/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21
Austin Semiconductor, Inc.
WRITE with Auto Precharge
3. Interrupted by a READ (with or without auto precharge); A
READ to bank m will interrupt a WRITE on bank n when
registered, with the data-out appearing CAS latency later. The
PRECHARGE to bank n will begin after t
WR is met, where tWR
begins when the READ to bank m is registered. The last valid
WRITE to bank n will be data-in registered one clock prior to
the READ to bank m (Figure 26).
4. Interrupted by a WRITE (with or without auto precharge): A
WRITE to bank m will interrupt a WRITE on bank n when
registered. The PRECHARGE to bank n will begin after t
WR is
met, where t
WR begins when the WRITE to bank m is registered.
The last valid data WRITE to bank n will be data registered one
clock prior to the WRITE to bank m (Figure 26).
FIGURE 26: WRITE With Auto Precharge Interrupted by a READ
FIGURE 27: WRITE With Auto Precharge Interrupted by a WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52