전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ITS4100FMB 데이터시트(PDF) 2 Page - Glenair, Inc.

부품명 ITS4100FMB
상세설명  Front Panel Mount Square Flange Receptacle Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GLENAIR [Glenair, Inc.]
홈페이지  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS4100FMB 데이터시트(HTML) 2 Page - Glenair, Inc.

  ITS4100FMB Datasheet HTML 1Page - Glenair, Inc. ITS4100FMB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A-17
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
ITS 3100 (F) and ITS 4100 (F)
Front Panel Mount Square Flange Receptacle Assembly
with Class A IT3057 Cable Clamp and Neoprene Bushing
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for Standard Version (Silver Plated)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
Omit for Standard Version
(Cad/Olive Drab Finish)
TABLE II: MODIFICATION CODES
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
ØA
ØB
K
L
L1
M
R
S
ØT
+0
+0.2
+0.1
She ll Size
-0.1
-0
-0
10 SL
18.2
5.58
2.8
55.0
125
14.3
18.25
25.4
3.2
14 S
24.5
7.92
3.3
58.4
125
14.5
23.00
30.4
3.2
16 S
27.2
11.09
3.3
60.4
125
14.5
24.60
32.5
3.2
16
27.2
11.09
3.3
71.8
135
19.1
24.60
32.5
3.2
18
30.7
14.27
4.0
77.8
140
19.1
27.00
35.0
3.2
20
34.0
15.87
4.0
74.0
130
19.1
29.40
38.0
3.2
22
37.3
15.87
4.0
74.0
130
19.6
31.75
41.0
3.2
24
40.9
19.05
4.0
76.7
130
20.6
34.90
44.5
3.7
28
46.7
19.05
4.0
83.2
135
20.7
39.70
50.9
3.7
32
53.4
23.79
4.0
90.3
140
22.3
44.45
57.0
4.3
36
59.6
31.75
4.0
96.8
145
22.3
49.20
63.5
4.3
40
65.5
34.92
4.0
115.8
160
22.3
55.55
69.9
4.3
+0.2
±0.1
±0.1
±0.2
Ma x.
Ma x.



Html Pages

1 2