| 전자부품 데이터시트 검색엔진 |
|
AS111PCP10/SPACE 데이터시트(PDF) 1 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS111PCP10/SPACE 데이터시트(HTML) 1 Page - Austin Semiconductor |
|
1 / 22 page ![]() V V V V Volta olta olta olta oltagggggeeeee Comparator Comparator Comparator Comparator Comparator AS111 RAD-TOL AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 1 AS111 RAD-TOL Rev. 1.1 06/05 Austin Semiconductor, Inc. PRELIMINARY SPECIFICATION GENERAL DESCRIPTION The AS111 is a voltage comparator that has input currents nearly a thousand times lower than other similar devices. It is also designed to operate over a wider range of supply voltages: from standard ±15V op amp supplies down to the single 5V supply used for IC logic. Their output is compatible with RTL, DTL and TTL as well as MOS circuits. Further, they can drive lamps or relays, switching voltages up to 50V at currents as high as 50 mA. Both the inputs and the outputs of the AS111 can be isolated from system ground, and the output can drive loads referred to ground, the positive supply or the negative supply. Offset balancing and strobe capability are provided and outputs can be wire OR’ed. Although slower than some devices (200 ns response time vs 40 ns), this device is also much less prone to spurious oscillations. FEATURES • Operates from single 5V supply • Radiation Guaranteed to 100K RADS TID • Input current: 200 nA max. over temperature • Offset current: 20 nA max. over temperature • WIDE Differential input voltage range: ±30V • Typical Power consumption: 135 mW at ±15V OPTIONS MARKINGS • Packages 8 pin Ceramic DIP C008 10 pin Cerpack(flatpak) CP10 10 pin Cerpack Gullwing GW10 8 Lead Metal Can TO99 • Process / Temperature Ranges MILITARY (-55oC to +125oC) /XT MIL-STD-883 paragraph 1.2.1 /883 MIL-STD-883 CLASS ‘S’ /SPACE AVAILABLE AS MILITARY / SPACE SPECIFICATIONS • SMD 5962-00524 pending • Radiation Tolerant • MIL-STD-883, 1.2.1 “QML” pending Voltage Comparator For more products and information please visit our web site at www.austinsemiconductor.com PIN ASSIGNMENT (Top View) 1 2 3 4 8 7 6 5 GND INPUT+ INPUT- V - V + OUTPUT BALANCE/ STROBE BALANCE 1 2 3 4 5 10 9 8 7 6 8 Pin Ceramic DIP (C008) 10 Pin CerPack flatpak(CP10) 8 Lead Metal Can (TO99) V + GND INPUT+ INPUT- BALANCE V - BALANCE/STROBE OUTPUT 1 2 3 4 5 6 7 8 V + OUTPUT BALANCE/ STROBE BALANCE GND INPUT+ INPUT- V _ N/C N/C 10 Pin CerPack Gullwing(GW10) V + OUTPUT BALANCE/ STROBE BALANCE GND INPUT+ INPUT- V _ N/C N/C |
유사한 부품 번호 - AS111PCP10/SPACE |
|
유사한 설명 - AS111PCP10/SPACE |