전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG1608 데이터시트(PDF) 13 Page - Analog Devices

부품명 ADG1608
상세설명  4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG1608 데이터시트(HTML) 13 Page - Analog Devices

Back Button ADG1608 Datasheet HTML 9Page - Analog Devices ADG1608 Datasheet HTML 10Page - Analog Devices ADG1608 Datasheet HTML 11Page - Analog Devices ADG1608 Datasheet HTML 12Page - Analog Devices ADG1608 Datasheet HTML 13Page - Analog Devices ADG1608 Datasheet HTML 14Page - Analog Devices ADG1608 Datasheet HTML 15Page - Analog Devices ADG1608 Datasheet HTML 16Page - Analog Devices ADG1608 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG1608/ADG1609
Rev. 0 | Page 13 of 20
0
50
100
150
200
250
300
350
400
450
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
TA = 25°C
VDD = +3.3V, VSS = 0V
VDD = +5V, VSS = 0V
VDD = +5V, VSS = –5V
VDD = +12V, VSS = 0V
Figure 19. Transition Time vs. Temperature
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
TA = 25°C
VDD = +5V
VSS = –5V
Figure 20. Off Isolation vs. Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
TA = 25°C
VDD = +5V
VSS = –5V
Figure 21. Crosstalk vs. Frequency
–6
–5
–4
–3
–2
–1
0
FREQUENCY (Hz)
10k
100k
1M
10M
100M
TA = 25°C
VDD = +5V
VSS = –5V
Figure 22. On Response vs. Frequency
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
1k
1M
10M
100M
10k
100k
TA = 25°C
VDD = +5V
VSS = –5V
NO DECOUPLING
CAPACITORS
DECOUPLING
CAPACITORS
Figure 23. ACPSRR vs. Frequency
0
0.1
0.2
0.3
0.4
0.5
0.6
FREQUENCY (Hz)
5k
0
10k
15k
20k
VDD = +3.3V, VS = 2V p-p
VDD = +5V, VS = 3.5V p-p
VDD = +5V, VSS = –5V, VS = 5V p-p
VDD = +12V, VS = 5V p-p
LOAD = 110Ω
TA = 25°C
Figure 24. THD + N vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com