전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP1485EEN-L 데이터시트(PDF) 6 Page - Exar Corporation

부품명 SP1485EEN-L
상세설명  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

SP1485EEN-L 데이터시트(HTML) 6 Page - Exar Corporation

Back Button SP1485EEN-L Datasheet HTML 2Page - Exar Corporation SP1485EEN-L Datasheet HTML 3Page - Exar Corporation SP1485EEN-L Datasheet HTML 4Page - Exar Corporation SP1485EEN-L Datasheet HTML 5Page - Exar Corporation SP1485EEN-L Datasheet HTML 6Page - Exar Corporation SP1485EEN-L Datasheet HTML 7Page - Exar Corporation SP1485EEN-L Datasheet HTML 8Page - Exar Corporation SP1485EEN-L Datasheet HTML 9Page - Exar Corporation SP1485EEN-L Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP48E-485E_00_06609
6
AlogicLOWonRE(pin2)willenablethe
receiver,alogicHIGHonRE(pin2)willdis-
ablethereceiver.
ThereceiverfortheSP1481EandSP1485E
willoperateuptoatleast20Mbps.Thereceiver
foreachofthetwodevicesisequippedwiththe
fail-safefeature.Fail-safeguaranteesthatthe
receiveroutputwillbeinaHIGHstatewhen
theinputisleftunconnected.
shutdown Mode
sp1481e
TheSP1481EisequippedwithaShutdown
mode.ToenabletheShutdownstate,both
the driver and receiver must be disabled
simultaneously.
AlogicLOWonDE(pin3)andalogicHIGH
onRE(pin2)willputtheSP1481EintoShut-
downmode.InShutdown,supplycurrentwill
droptotypically1μA.
esd toLerAnce
The SP1481E Family incorporates rug-
gedizedESDcellsonalldriveroutputand
receiver input pins. The ESD structure is
improvedoverourpreviousfamilyformore
rugged applications and environments
sensitive to electro-static discharges and
associatedtransients.TheimprovedESD
toleranceisatleast±15kVwithoutdamage
norlatch-up.
TherearedifferentmethodsofESDtesting
applied:
a)MIL-STD-883,Method3015.7
b)IEC1000-4-2Air-Discharge
c)IEC1000-4-2DirectContact
The Human Body Model has been the
generally accepted ESD testing method
for semiconductors.This method is also
specified in MIL-STD-883, Method 3015.7
for ESD testing.The premise of this ESD
testistosimulatethehumanbody’spotential
tostoreelectro-staticenergyanddischarge
ittoanintegratedcircuit.Thesimulationis
performedbyusingatestmodelasshown
inFigure7.ThismethodwilltesttheIC’s
capabilitytowithstandanESDtransientdur-
ingnormalhandlingsuchasinmanufactur-
ingareaswheretheICstendtobehandled
frequently.
description
TheSP1481EandSP1485Earehalf-duplex
differentialtransceiversthatmeettherequire-
mentsofRS-485andRS-422.Fabricated
withaExarproprietaryBiCMOSprocess,
theseproductsrequireafractionofthepower
ofolderbipolardesigns.
TheRS-485standardisidealformulti-drop
applicationsandforlong-distanceinterfaces.
RS-485allowsupto32driversand32receiv-
erstobeconnectedtoadatabus,makingit
anidealchoiceformulti-dropapplications.
Sincethecablingcanbeaslongas4,000
feet,RS-485transceiversareequippedwith
awide(-7Vto+12V)commonmoderange
to accommodate ground potential differ-
ences.Because RS-485 is a differential
interface,dataisvirtuallyimmunetonoise
inthetransmissionline.
drivers
The driver outputs of the SP1481E and
SP1485Earedifferentialoutputsmeetingthe
RS-485andRS-422standards.Thetypical
voltageoutputswingwithnoloadwillbe0
Voltsto+5Volts.Withworstcaseloading
of54Ωacrossthedifferentialoutputs,the
driverscanmaintaingreaterthan1.5Vvolt-
agelevels.ThedriversoftheSP1481E,and
SP1485Ehaveanenablecontrollinewhich
isactiveHIGH.AlogicHIGHonDE(pin3)
willenablethedifferentialdriveroutputs.A
logic LOW on DE (pin 3) will tri-state the
driveroutputs.
The transmitters of the SP1481E and
SP1485E will operate up to at least
20Mbps.
receivers
TheSP1481EandSP1485Ereceivershave
differential inputs with an input sensitivity
aslowas±200mV.Inputimpedanceofthe
receiversistypically15kΩ(12kΩminimum).
Awidecommonmoderangeof-7Vto+12V
allowsforlargegroundpotentialdifferences
between systems.The receivers of the
SP1481E and SP1485E have a tri-state
enablecontrolpin.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com