전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC65D02P40 데이터시트(PDF) 9 Page - Silan Microelectronics Joint-stock

부품명 SC65D02P40
상세설명  8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILAN [Silan Microelectronics Joint-stock]
홈페이지  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02P40 데이터시트(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC65D02P40 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SC65D02P40
The reset vector value and the interrupt vector value in test mode are useful in production test, and the
customer should set FFF0H with 00H, FFF1H with 60H, FFF2H with 04H, FFF3H with 60H to make sure the
program down load is correct, for example, the customer should add the following code in proper position:
ORG
FFF0H
DW
6000H
DW
6004H
The default value of OTP protect byte is FFH, now the content of OTP memory can be read by OTP
programmer or emulator provided by Silan. If you set OTP cipher byte as 00H, then you cannot read this OTP
memory in any method, which can protect the customer’s software copyright.
3.6 Code transmitting module
[Description]
This module is used to generate the high and low level sequence for Infrared diode control. It is comprised of
carrier generating circuit and 32-byte code transmitting buffer which will realize the exact code transmitting.
[Structure]
Figure 6 – Code transmitting diagram
[Function description]
The code transmitting of SC65D02P40 defines a universal waveform (figure 7), which should be complied with
when transmitting code.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.21
Http: //www.silan.com.cn
Page 9 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16