| 전자부품 데이터시트 검색엔진 |
|
SC73P1601 데이터시트(PDF) 13 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC73P1601 데이터시트(HTML) 13 Page - Silan Microelectronics Joint-stock |
|
13 / 22 page ![]() SC73P1601 HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.4 2009.08.03 Http: www.silan.com.cn Page 13 of 22 3. Arithmetic and logical instructions Instruction Operation CF SF Cycle ADD A, @LL A ← A+RAM(LL) --- /C 1 ADDC A, @LL A ← A+RAM(LL)+CF C /C 1 ADD A, #k A ← A+k --- /C 1 ADD LL, #k LL ← LL+k --- /C 2 SUBRC A, @LL A ← RAM(LL)-A-/CF C C 1 INC @LL RAM(LL) ← RAM(LL)+1 --- /C 1 DEC @LL RAM(LL) ← RAM(LL)-1 --- C 1 INC LL LL ← LL+1 --- /C 2 DEC LL LL ← LL-1 --- C 2 INC D D ← D+1 --- /C 2 INC H H ← H+1 --- /C 2 INC B B ←B+1 --- /C 2 DEC D D ← D-1 --- C 2 DEC H H ← H-1 --- C 2 DEC B B ← B-1 --- C 2 AND A, @LL A ← A&RAM(LL) --- /Z 1 OR A, @LL A ← A | RAM(LL) --- /Z 1 XOR A, @LL A ← A^RAM(LL) --- /Z 1 1. ADD A, @LL Add the contents of RAM pointed at by the LL to accumulator, store the sum in the ACC. This operation will affect SF, SF=/CF. 2. ADDC A, @LL Add the contents of RAM pointed at by the LL register to accumulator with carry. Store the carry bit in the CF. This operation will affect SF, SF=/CF. 3. ADD A,#K Add immediate K to accumulator. Store the sum in the ACC. This will affect SF, SF=/CF. 4. ADD L,#K Add immediate K to the LL register. Store the sum in the LL. This will affect SF, SF=/CF. 5. SUBRC A, @LL Subtract instruction with borrow(the complement of carry). Subtract the contents of the accumulator from the contents of RAM pointed at by the LL register, subtract the complement of the carry bit, then store the results in the accumulator, transfer the carry bit to the CF, this will affect SF and CF, SF=CF. 6. INC @LL Increment instruction. Increment the contents of RAM pointed at by the LL register by 1. This will affect SF, SF=/CF. 7. DEC @LL Decrement instruction. Decrement the contents of RAM pointed at by the LL register by 1. This will affect SF, SF=CF. 8. INC D Increment instruction. Increment the contents of the D register by 1. This will affect SF, SF=/CF. 9. INC H Increment instruction. Increment the contents of the H register by 1. This will affect SF, SF=/CF. 10. INC B Increment instruction. Increment the contents of the B register by 1. This will affect SF, SF=/CF. |