전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC73P1601MATR 데이터시트(PDF) 10 Page - Silan Microelectronics Joint-stock

부품명 SC73P1601MATR
상세설명  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILAN [Silan Microelectronics Joint-stock]
홈페이지  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR 데이터시트(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 10 of 22
Notes. 1. After the circuit is power on, there is a short oscillation stabilization wait time before the circuit is in
operation mode. The oscillation stabilization wait time is about 2
16/fmain.
2. The POC circuit generates an internal reset signal when the power supply voltage has fallen to a
certain value in working mode.
19. Instruction Cycle
Instructions and internal operations are executed in synchronization with the main clock. The minimum time of
carrying out a complete instruction is called the instruction cycle. SC73P1601 has 1 and 2-cycle two kind of
instructions.
An instruction cycle consists of 5 states (STCLK1 to STCLK5). Each state consists of 1 main clock. Therefore,
the instruction cycle time is 5/fmain [s].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22