전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPN1024 데이터시트(PDF) 2 Page - SYNC POWER Crop.

부품명 SPN1024
상세설명  Dual N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNC-POWER [SYNC POWER Crop.]
홈페이지  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN1024 데이터시트(HTML) 2 Page - SYNC POWER Crop.

  SPN1024 Datasheet HTML 1Page - SYNC POWER Crop. SPN1024 Datasheet HTML 2Page - SYNC POWER Crop. SPN1024 Datasheet HTML 3Page - SYNC POWER Crop. SPN1024 Datasheet HTML 4Page - SYNC POWER Crop. SPN1024 Datasheet HTML 5Page - SYNC POWER Crop. SPN1024 Datasheet HTML 6Page - SYNC POWER Crop. SPN1024 Datasheet HTML 7Page - SYNC POWER Crop. SPN1024 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007/11/10
Ver.1
Page 2
SPN1024
Dual N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
S1
Source 1
2
G1
Gate 1
3
D2
Drain 2
4
S2
Source 2
5
G2
Gate 2
6
D1
Drain1
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPN1024S56RG
SOT-563
B
Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 )
SPN1024S56RG : Tape Reel ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate –Source Voltage
VGSS
±12
V
TA=25℃
0.65
Continuous Drain Current(TJ=150 )
TA=80℃
ID
0.45
A
Pulsed Drain Current
IDM
1.0
A
Continuous Source Current(Diode Conduction)
IS
0.3
A
TA=25℃
0.35
Power Dissipation
TA=70℃
PD
0.19
W
Operating Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com