전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PX-3400-RAP-B 데이터시트(PDF) 1 Page - Vectron International, Inc

부품명 PX-3400-RAP-B
상세설명  Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECTRON [Vectron International, Inc]
홈페이지  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-3400-RAP-B 데이터시트(HTML) 1 Page - Vectron International, Inc

  PX-3400-RAP-B Datasheet HTML 1Page - Vectron International, Inc PX-3400-RAP-B Datasheet HTML 2Page - Vectron International, Inc PX-3400-RAP-B Datasheet HTML 3Page - Vectron International, Inc PX-3400-RAP-B Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PX-340
Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Miniature Hybrid Design
•
14 Pin Flatpack
•
Frequency Range: 1 HZ to 700 MHZ
•
Previous Model: CO-407, CO-447, CO-437, CO-457
•
Features
Applications
PX-340
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-5
-10
-25
-50
-50
-100
-300
+5
+10
+25
+50
+50
+100
+300
ppm
ppm
ppm
ppm
ppm
ppm
ppm
0… +50°C
0… +50°C
0… +70°C (standard)
-55… +85°C
-55… +125°C
-55… +125°C
-55… +200°C (custom number required)
Initial tolerance
-50
-25
-15
-10
-1
+50
+25
+15
+10
+1
ppm
ppm
ppm
ppm
ppm
@+25°C
@+25°C
@+25°C
@+25°C
Set via external capacitor (custom number required)
vs. aging / 1 year
vs. aging / year (following years)
-3
-2
+3
+2
ppm
ppm
after 30 days of operation
Supply Voltage (Vs)
Supply voltage (Standard)
4.75
5.0
5.25
VDC
Supply voltage (Option)
3.135
3.3
3.465
VDC
below 20 MHz
Supply voltage
-5.2
VDC
@< 45 mA to 110 MHz,
@< 70 mA above 110 MHz
Supply voltage
-4.5
VDC
@< 60 mA
Performance Speci cations


유사한 부품 번호 - PX-3400-RAP-B

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
PX-340 VECTRON-PX-340 Datasheet
305Kb / 4P
Miniature Hybrid Design
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
Crystal Oscillator
More results

유사한 설명 - PX-3400-RAP-B

제조업체부품명데이터시트상세설명
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com