전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PX-3400-RBT-K 데이터시트(PDF) 2 Page - Vectron International, Inc

부품명 PX-3400-RBT-K
상세설명  Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECTRON [Vectron International, Inc]
홈페이지  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-3400-RBT-K 데이터시트(HTML) 2 Page - Vectron International, Inc

  PX-3400-RBT-K Datasheet HTML 1Page - Vectron International, Inc PX-3400-RBT-K Datasheet HTML 2Page - Vectron International, Inc PX-3400-RBT-K Datasheet HTML 3Page - Vectron International, Inc PX-3400-RBT-K Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
RF Output
Signal
ECL/PECL
Output
Output taken directly from 10K, 10KH, 110K, ECLinPS
or ECLinPS Lite gate, depending on temperature and
frequency range. Complementary outputs optional.
Signal
ACMOS, HCMOS
Signal
TTL
“0” Level
0.4
V
“1” Level
+2.4
V
Rise / Fall Time
2
15
5
ns
ns
@ (0.5-2.4V), <= 20 MHZ
@ (0.5-2.4V), > 20 MHZ
Symmetry
45
40
55
60
dBm
dBm
@+1.5 V, < 4 MHZ
@+1.5 V, >= 4 MHZ
Screen Testing of Above Models
SCREEN TEST
MIL-STD-883
METHOD
Standard
Options
CLASS X
CLASS B
CLASS S
Stabilization Bake (150°C)
—
X
X
Class S screen test requirements include 24
hour additional bake-out, 80 hour additional
burn-in, thermal shock, PIND test and radio-
graphic inspection in addition to Class B Screen-
ing. Has major cost impact.
Seal Test (Gross and Fine)
1014, Cond A2
X
X
Temperature Cycling (Thermal Shock)
1010, Cond B
X
Burn-in, operating 160 hours @125°C
—
X
Acceleration (5000g in Y1 axis)
2001, Cond A
X



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com