전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC82L54AS 데이터시트(PDF) 7 Page - Megawin Technology Co., Ltd

부품명 MPC82L54AS
상세설명  8-bit micro-controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEGAWIN [Megawin Technology Co., Ltd]
홈페이지  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L54AS 데이터시트(HTML) 7 Page - Megawin Technology Co., Ltd

Back Button MPC82L54AS Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 11Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
MEGAWIN
MPC82x54A Data Sheet
7
P0.1
10
BU
P0.1: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
P3.3(INT1)
11
9
7
BU
P3.3: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
INT1: =
External interrupt source
P3.4(ECI/T0)
12
10
8
BU
P3.4: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
ECI: =
External Clock Input to
Programmable Counter Array (PCA)
T0: =
Alternative clock input to timer-0
P3.5(CEX1/T1)
13
11
9
BU
P3.5: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
CEX1: =
Capture Event trigger to
Programmable Counter Array (PCA)
module-1 or PWM output
T1: =
Alternative clock input to timer-1
P2.4(CEX3)
14
12
BU
P2.4: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
CEX3: =
Capture Event trigger to
Programmable Counter Array (PCA)
module-3 or PWM output
P2.5
15
13
BU
P2.5: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
VSS
16
14
10
G
Ground
P2.6
17
15
BU
P2.6: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com