| 전자부품 데이터시트 검색엔진 |
|
STM32F107VB 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107VB 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 95 page ![]() Pinouts and pin description STM32F105xx, STM32F107xx 28/95 Doc ID 15274 Rev 4 70 44 PA11 I/O FT PA11 USART1_CTS / CAN1_RX / TIM1_CH4(7)/OTG_FS_DM 71 45 PA12 I/O FT PA12 USART1_RTS / OTG_FS_DP / CAN1_TX(7) / TIM1_ETR(7) 72 46 PA13 I/O FT JTMS-SWDIO PA13 73 - Not connected 74 47 VSS_2 SVSS_2 75 48 VDD_2 SVDD_2 76 49 PA14 I/O FT JTCK-SWCLK PA14 77 50 PA15 I/O FT JTDI SPI3_NSS / I2S3_WS TIM2_CH1_ETR / PA15 SPI1_NSS 78 51 PC10 I/O FT PC10 UART4_TX USART3_TX/ SPI3_SCK 79 52 PC11 I/O FT PC11 UART4_RX USART3_RX/ SPI3_MISO 80 53 PC12 I/O FT PC12 UART5_TX USART3_CK/ SPI3_MOSI 81 5 PD0 I/O FT OSC_IN(8) CAN1_RX 82 6 PD1 I/O FT OSC_OUT(8) CAN1_TX 83 54 PD2 I/O FT PD2 TIM3_ETR / UART5_RX 84 - PD3 I/O FT PD3 USART2_CTS 85 - PD4 I/O FT PD4 USART2_RTS 86 - PD5 I/O FT PD5 USART2_TX 87 - PD6 I/O FT PD6 USART2_RX 88 - PD7 I/O FT PD7 USART2_CK 89 55 PB3 I/O FT JTDO SPI3_SCK / I2S3_CK PB3 / TRACESWO/ TIM2_CH2 / SPI1_SCK 90 56 PB4 I/O FT NJTRST SPI3_MISO PB4 / TIM3_CH1/ SPI1_MISO 91 57 PB5 I/O PB5 I2C1_SMBA / SPI3_MOSI / ETH_PPS_OUT / I2S3_SD TIM3_CH2/SPI1_MOSI/ CAN2_RX 92 58 PB6 I/O FT PB6 I2C1_SCL(7)/TIM4_CH1(7) USART1_TX/CAN2_TX 93 59 PB7 I/O FT PB7 I2C1_SDA(7)/TIM4_CH2(7) USART1_RX 94 60 BOOT0 I BOOT0 95 61 PB8 I/O FT PB8 TIM4_CH3(7)/ ETH_MII_TXD3 I2C1_SCL/CAN1_RX 96 62 PB9 I/O FT PB9 TIM4_CH4(7) I2C1_SDA / CAN1_TX Table 5. Pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |