| 전자부품 데이터시트 검색엔진 |
|
STM8L152C4U3 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C4U3 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 101 page ![]() Pin description STM8L151xx, STM8L152xx 26/101 Doc ID 15962 Rev 2 8 - - PA7/LCD_SEG0(2) I/O FT X XX HS X X Port A7 LCD segment 0 24 13 12 PB0/TIM2_CH1/ LCD_SEG10(2)/ ADC1_IN18/COMP1_INP I/O X XX HS X X Port B0 Timer 2 - channel 1 / LCD segment 10 / ADC1_IN18 / Comparator 1 positive input 25 14 13 PB1/TIM3_CH1/ LCD_SEG11(2)/ ADC1_IN17/COMP1_INP I/O X XX HS X X Port B1 Timer 3 - channel 1 / LCD segment 11 / ADC1_IN17 / Comparator 1 positive input 26 15 14 PB2/ TIM2_CH2/ LCD_SEG12(2)/ ADC1_IN16/COMP1_INP I/O X XX HS X X Port B2 Timer 2 - channel 2 / LCD segment 12 / ADC1_IN16/ Comparator 1 positive input 27 - - PB3/TIM2_TRIG/ LCD_SEG13(2)/ ADC1_IN15/COMP1_INP I/O X XX HS X X Port B3 Timer 2 - trigger / LCD segment 13 /ADC1_IN15 / Comparator 1 positive input -16 - PB3/[TIM2_TRIG](3)/ TIM1_CH2N/LCD_SEG13 (2)/ADC1_IN15/ COMP1_INP I/O X XX HS X X Port B3 [Timer 2 - trigger] / Timer 1 inverted channel 2 / LCD segment 13 / ADC1_IN15 / Comparator 1 positive input -- 15 PB3/[TIM2_TRIG](3)/ TIM1_CH1N/ LCD_SEG13(2)/ ADC1_IN15/RTC_ALARM /COMP1_INP I/O X XX HS X X Port B3 [Timer 2 - trigger] / Timer 1 inverted channel 1/ LCD segment 13 / ADC1_IN15 / RTC alarm/ Comparator 1 positive input 28 - - PB4/[SPI1_NSS](3)/ LCD_SEG14(2)/ ADC1_IN14/COMP1_INP I/O X XX HS X X Port B4 [SPI1 master/slave select] / LCD segment 14 / ADC1_IN14 / Comparator 1 positive input -17 16 PB4/[SPI1_NSS](3)/ LCD_SEG14(2)/ ADC1_IN14/ COMP1_INP/DAC_OUT I/O X XX HS X X Port B4 [SPI1 master/slave select] / LCD segment 14 / ADC1_IN14 / DAC output / Comparator 1 positive input 29 - - PB5/[SPI1_SCK](3)/ LCD_SEG15(2)/ ADC1_IN13/COMP1_INP I/O X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / Comparator 1 positive input -18 17 PB5/[SPI1_SCK](3)/ LCD_SEG15(2)/ ADC1_IN13/DAC_OUT/ COMP1_INP I/O X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / DAC output/ Comparator 1 positive input Table 4. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |