| 전자부품 데이터시트 검색엔진 |
|
STM8L152C6U3 데이터시트(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C6U3 데이터시트(HTML) 86 Page - STMicroelectronics |
|
86 / 101 page ![]() Electrical parameters STM8L151xx, STM8L152xx 86/101 Doc ID 15962 Rev 2 Table 45. DAC output on PB4-PB5-PB6(1) 1. 32 or 28-pin packages only. The DAC channel can be routed either on PB4, PB5 or PB6 using the routing interface I/O switch registers. Symbol Parameter Min (2) 2. Data guaranteed by design, not tested in production. Typ Max(1) Unit Rint Internal resistance between DAC output and PB4-PB5-PB6 output TBD TBD k Ω |