| 전자부품 데이터시트 검색엔진 |
|
STM32F101T6U6ATR 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101T6U6ATR 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 73 page ![]() Pinouts and pin description STM32F101x4, STM32F101x6 22/74 Doc ID 15058 Rev 3 Table 4. Low-density STM32F101xx pin definitions Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap 11 - VBAT SVBAT 2 2 - PC13-TAMPER-RTC(5) I/O PC13(6) TAMPER-RTC 3 3 - PC14-OSC32_IN(5) I/O PC14(6) OSC32_IN 4 4 - PC15-OSC32_OUT(5) I/O PC15(6) OSC32_OUT 5 5 2 OSC_IN I OSC_IN 6 6 3 OSC_OUT O OSC_OUT 7 7 4 NRST I/O NRST - 8 - PC0 I/O PC0 ADC_IN10 - 9 - PC1 I/O PC1 ADC_IN11 - 10 - PC2 I/O PC2 ADC_IN12 - 11 - PC3 I/O PC3 ADC_IN13 812 5 VSSA SVSSA 913 6 VDDA SVDDA 10 14 7 PA0-WKUP I/O PA0 WKUP/USART2_CTS/ ADC_IN0/ TIM2_CH1_ETR(7) 11 15 8 PA1 I/O PA1 USART2_RTS/ ADC_IN1/TIM2_CH2(7) 12 16 9 PA2 I/O PA2 USART2_TX/ ADC_IN2/TIM2_CH3(7) 13 17 10 PA3 I/O PA3 USART2_RX/ ADC_IN3/TIM2_CH4(7) -18 - VSS_4 SVSS_4 -19 - VDD_4 SVDD_4 14 20 11 PA4 I/O PA4 SPI_NSS(7)/ADC_IN4 USART2_CK 15 21 12 PA5 I/O PA5 SPI_SCK(7)/ADC_IN5 16 22 13 PA6 I/O PA6 SPI_MISO(7)/ADC_IN6/ TIM3_CH1(7) 17 23 14 PA7 I/O PA7 SPI_MOSI(7)/ADC_IN7/ TIM3_CH2(7) - 24 PC4 I/O PC4 ADC_IN14 - 25 PC5 I/O PC5 ADC_IN15 18 26 15 PB0 I/O PB0 ADC_IN8/TIM3_CH3(7) 19 27 16 PB1 I/O PB1 ADC_IN9/TIM3_CH4(7) |