전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103C8U7XXX 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 STM32F103C8U7XXX
상세설명  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 22Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 23Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 24Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 25Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 26Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 27Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 28Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 29Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Pinouts and pin description
STM32F103x8, STM32F103xB
26/92
Doc ID 13587 Rev 11
Table 5.
Medium-density STM32F103xx pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap
A3
-
-
1
-
PE2
I/O FT
PE2
TRACECK
B3
-
-
2
-
PE3
I/O FT
PE3
TRACED0
C3
-
-
3
-
PE4
I/O FT
PE4
TRACED1
D3
-
-
4
-
PE5
I/O FT
PE5
TRACED2
E3
-
-
5
-
PE6
I/O FT
PE6
TRACED3
B2
1
B2
1
6
-
VBAT
SVBAT
A2
2
A2
2
7
-
PC13-TAMPER-
RTC(5)
I/O
PC13(6)
TAMPER-RTC
A1
3
A1
3
8
-
PC14-OSC32_IN(5) I/O
PC14(6)
OSC32_IN
B1
4
B1
4
9
-
PC15-
OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
C2
---
10
-
VSS_5
SVSS_5
D2
---
11
-
VDD_5
SVDD_5
C1
5
C1
5
12
2
OSC_IN
I
OSC_IN
D1
6
D1
6
13
3
OSC_OUT
O
OSC_OUT
E1
7
E1
7
14
4
NRST
I/O
NRST
F1
-
E3
8
15
-
PC0
I/O
PC0
ADC12_IN10
F2
-
E2
9
16
-
PC1
I/O
PC1
ADC12_IN11
E2
-
F2
10
17
-
PC2
I/O
PC2
ADC12_IN12
F3
-
-(7)
11
18
-
PC3
I/O
PC3
ADC12_IN13
G1
8
F1
12
19
5
VSSA
SVSSA
H1
---
20
-
VREF-
SVREF-
J1
-
G1(7)
-21
-
VREF+
SVREF+
K1
9
H1
13
22
6
VDDA
SVDDA
G2
10
G2
14
23
7
PA0-WKUP
I/O
PA0
WKUP/
USART2_CTS(8)/
ADC12_IN0/
TIM2_CH1_ETR(8)
H2
11
H2
15
24
8
PA1
I/O
PA1
USART2_RTS(8)/
ADC12_IN1/
TIM2_CH2(8)
J2
12
F3
16
25
9
PA2
I/O
PA2
USART2_TX(8)/
ADC12_IN2/
TIM2_CH3(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92