전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L151C6T6 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 STM8L151C6T6
상세설명  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6T6 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button STM8L151C6T6 Datasheet HTML 23Page - STMicroelectronics STM8L151C6T6 Datasheet HTML 24Page - STMicroelectronics STM8L151C6T6 Datasheet HTML 25Page - STMicroelectronics STM8L151C6T6 Datasheet HTML 26Page - STMicroelectronics STM8L151C6T6 Datasheet HTML 27Page - STMicroelectronics STM8L151C6T6 Datasheet HTML 28Page - STMicroelectronics STM8L151C6T6 Datasheet HTML 29Page - STMicroelectronics STM8L151C6T6 Datasheet HTML 30Page - STMicroelectronics STM8L151C6T6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
STM8L151xx, STM8L152xx
Pin description
Doc ID 15962 Rev 2
27/101
30
-
-
PB6/[SPI1_MOSI](3)/
LCD_SEG16(2)/
ADC1_IN12/COMP1_INP
I/O
X
XX
HS
X
X Port B6
[SPI1 master out/slave in]/
LCD segment 16 / ADC1_IN12 /
Comparator 1 positive input
-19 18
PB6/[SPI1_MOSI](3)/
LCD_SEG16(2)/
ADC1_IN12/COMP1_INP/
DAC_OUT
I/O
X
XX
HS
X
X Port B6
[SPI1 master out]/
slave in / LCD segment 16 /
ADC1_IN12 / DAC output /
Comparator 1 positive input
31 20 19
PB7/[SPI1_MISO](3)/
LCD_SEG17(2)/
ADC1_IN11/COMP1_INP
I/O
X
XX
HS
X
X Port B7
[SPI1 master in- slave out] /
LCD segment 17 / ADC1_IN11 /
Comparator 1 positive input
37 25 21 PC0/I2C1_SDA
I/O FT
X
XT(4)
Port C0
I2C1 data
38 26 22 PC1/I2C1_SCL
I/O FT
X
XT(4)
Port C1
I2C1 clock
41 27 23
PC2/[USART1_RX](3)/
LCD_SEG22/ADC1_IN6/
COMP1_INP/VREF_OUT
I/O
X
XX
HS
X
X Port C2
[USART1 receive] /
LCD segment 22 / ADC1_IN6 /
Comparator 1 positive input /
Voltage reference output
42 28 24
PC3/[USART1_TX](3)/
LCD_SEG23(2)/
ADC1_IN5/COMP1_INP/
COMP2_INM
I/O
X
XX
HS
X
X Port C3
[USART1 transmit] /
LCD segment 23 / ADC1_IN5 /
Comparator 1 positive input /
Comparator 2 negative input
43 29 25
PC4/[USART1_CK](3)/
I2C1_SMB/CCO/
LCD_SEG24(2)/
ADC1_IN4/COMP2_INM/
COMP1_INP
I/O
X
XX
HS
X
X Port C4
[USART1 synchronous clock] /
I2C1_SMB / Configurable clock
output / LCD segment 24 /
ADC1_IN4 /
Comparator 2 negative input /
Comparator 1 positive input
44 30 26
PC5/OSC32_IN
/[SPI1_NSS](3)/
[USART1_TX](3)
I/O
X
X
X
HS
X
X Port C5
LSE oscillator input / [SPI1
master/slave select] / [USART1
transmit]
45 31 27
PC6/OSC32_OUT/
[SPI1_SCK](3)/
[USART1_RX](3)
I/O
X
X
X
HS
X
X Port C6
LSE oscillator output / [SPI1
clock] / [USART1 receive]
46
-
-
PC7/LCD_SEG25(2)/
ADC1_IN3/COMP2_INM/
COMP1_INP
I/O
X
X
X
HS
X
X Port C7
LCD segment 25 /ADC1_IN3/
Comparator negative input /
Comparator 1 positive input
Table 4.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More