| 전자부품 데이터시트 검색엔진 |
|
STM32F103CBU6TR 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103CBU6TR 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 92 page ![]() STM32F103x8, STM32F103xB Electrical characteristics Doc ID 13587 Rev 11 37/92 Table 11. Embedded reset and power control block characteristics Symbol Parameter Conditions Min Typ Max Unit VPVD Programmable voltage detector level selection PLS[2:0]=000 (rising edge) 2.1 2.18 2.26 V PLS[2:0]=000 (falling edge) 2 2.08 2.16 V PLS[2:0]=001 (rising edge) 2.19 2.28 2.37 V PLS[2:0]=001 (falling edge) 2.09 2.18 2.27 V PLS[2:0]=010 (rising edge) 2.28 2.38 2.48 V PLS[2:0]=010 (falling edge) 2.18 2.28 2.38 V PLS[2:0]=011 (rising edge) 2.38 2.48 2.58 V PLS[2:0]=011 (falling edge) 2.28 2.38 2.48 V PLS[2:0]=100 (rising edge) 2.47 2.58 2.69 V PLS[2:0]=100 (falling edge) 2.37 2.48 2.59 V PLS[2:0]=101 (rising edge) 2.57 2.68 2.79 V PLS[2:0]=101 (falling edge) 2.47 2.58 2.69 V PLS[2:0]=110 (rising edge) 2.66 2.78 2.9 V PLS[2:0]=110 (falling edge) 2.56 2.68 2.8 V PLS[2:0]=111 (rising edge) 2.76 2.88 3 V PLS[2:0]=111 (falling edge) 2.66 2.78 2.9 V VPVDhyst (2) PVD hysteresis 100 mV VPOR/PDR Power on/power down reset threshold Falling edge 1.8(1) 1. The product behavior is guaranteed by design down to the minimum VPOR/PDR value. 1.88 1.96 V Rising edge 1.84 1.92 2.0 V VPDRhyst (2) PDR hysteresis 40 mV TRSTTEMPO (2) 2. Guaranteed by design, not tested in production. Reset temporization 1 2.5 4.5 ms |